Electronic Components Datasheet Search
  English  ▼

X  

NTE63 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE63
Description  Silicon NPN Transistor High Gain, Low Noise Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE63 Datasheet(HTML) 1 Page - NTE Electronics

  NTE63 Datasheet HTML 1Page - NTE Electronics NTE63 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE63
Silicon NPN Transistor
High Gain, Low Noise Amp
Description:
The NTE63 is a silicon NPN high frequency transistor designed primarily for use in high–gain, low
noise tuned and wiseband small–signal amplifiers and applications requiring fast switching times.
Features:
D High Current Gain–Bandwidth Product: fT = 5GHz Typ @ f = 1GHz
D High Power Gain: Gpe = 12.5dB Min @ f = 1GHz
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
40mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TL = +50°C), PD
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 50
°C
4.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Lead, RthJL
250
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, IB = 0
12
–
–
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 0.1mA, IE = 0
20
–
–
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 0.1mA, IC = 0
2
–
–
V
Collector Cutoff Current
ICBO
VCB = 15V, IE = 0
–
–
50
nA


Similar Part No. - NTE63

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE630 NTE-NTE630 Datasheet
18Kb / 2P
Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE631 NTE-NTE631 Datasheet
60Kb / 2P
Silicon Rectifier Diode High−Speed Switch (Surface Mount)
NTE633 NTE-NTE633 Datasheet
55Kb / 2P
Silicon Rectifier Diode High Speed Switching (Surface Mount)
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
Silicon Power Rectifier Diode, 300 Amp
NTE6355 NTE-NTE6355 Datasheet
25Kb / 3P
Silicon Power Rectifier Diode, 300 Amp
More results

Similar Description - NTE63

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16006 NTE-NTE16006 Datasheet
21Kb / 4P
Silicon NPN Transistor Low Frequency Output Amp w/High Current Gain
NTE199 NTE-NTE199 Datasheet
22Kb / 2P
Silicon NPN Transistor Low Noise, High Gain Amplifier
NTE2307 NTE-NTE2307 Datasheet
20Kb / 2P
Silicon NPN Transistor High Gain Power Amp
NTE313 NTE-NTE313 Datasheet
18Kb / 2P
Silicon NPN Transistor High Gain, Low Noise, VHF Mixer and VHF/RF Amp
NTE316 NTE-NTE316 Datasheet
21Kb / 2P
Silicon NPN Transistor High Gain, Low Noise Amp
NTE47 NTE-NTE47 Datasheet
22Kb / 2P
Silicon NPN Transistor High Gain, Low Noise Amp
logo
Micro Electronics
BC171 MICRO-ELECTRONICS-BC171 Datasheet
183Kb / 2P
NPN HIGH GAIN LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
ME4101 MICRO-ELECTRONICS-ME4101 Datasheet
191Kb / 2P
NPN SIGNAL HIGH GAIN LOW NOISE NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com