Electronic Components Datasheet Search
  English  ▼

X  

NTE63 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE63
Description  Silicon NPN Transistor High Gain, Low Noise Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE63 Datasheet(HTML) 2 Page - NTE Electronics

  NTE63 Datasheet HTML 1Page - NTE Electronics NTE63 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
ON Characteristics
DC Current Gain
hFE
IC = 30mA, VCE = 10V
30
–
200
Dynamic Characteristics
Current Gain–Bandwidth Product
fT
IC = 30mA, VCE = 10V,
f = 1GHz
–
5.0
–
GHz
Collector–Base Capacitance
Ccb
VCB = 10V, IE = 0, f = 1MHz
–
0.6
1.0
pF
Functional Tests
Noise Figure
NFMIN
IC = 5mA, VCE = 10V, f = 1GHz
–
2.5
–
dB
IC = 5mA, VCE = 10V, f = 2GHz
–
4.0
–
dB
Power Gain at Optimum Noise Figure
GNF
IC = 5mA, VCE = 10V, f = 1GHz
–
10
–
dB
IC = 5mA, VCE = 10V, f = 2GHz
–
6
–
dB
Maximum Available Power Gain
Gmax
IC = 30mA, VCE = 10V, f = 1GHz
–
12.5
–
dB
(Note 1)
IC = 30mA, VCE = 10V, f = 2GHz
–
7.5
–
dB
Note1.Gmax = |S21|2 / (I – |S11|2) (I – |S22|2)
.325
(8.27)
Max
.770
(19.5)
Max
.190
(4.83)
Dia
.075 (1.9) Min
.036 (0.92)
EE
C
B
Seating Plane



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com