Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7036 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ST7036 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
ST7036
V1.1
2003/12/24
39/72
Initializing by Instruction
8-bit Interface (fosc=380kHz)
P O W E R O N o r ex te r n al r e s e t
W a it tim e > 4 0 m S
A fte r V D D s ta b le
W a it tim e > 2 6 .3 μ S
Fun c tion s e t
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
0
1
1
N
DH
IS 2
IS 1
Fun c tion s e t
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
0
1
1
N
DH
IS 2
IS 1
W a it tim e > 2 6 .3 μ S
W a it tim e > 2 6 .3 μ S
In itia liz a tio n e n d
B F c a nno t be
ch ec ke d b e fo re
th is in s tru c tio n .
B F c a nno t be
ch ec ke d b e fo re
th is in s tru c tio n .
W a it tim e > 2 6 .3 μ S
W a it tim e > 2 6 .3 μ S
W a it tim e > 2 6 .3 μ S
P o we r /IC ON /C o n tr a s t c o n tro l
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
1
0
1
Io n
Bo n
C5
C4
F o llo w e r c o n tro l
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
1
1
0
Fo n
Ra b 2
Ra b 1
Ra b 0
D is p la y O N /O F F c o n tr o l
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
0
0
0
1
D
C
B
In te r n a l O S C fr e q u e n c y
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
0
0
1
BS
F2
F1
F0
W a it tim e > 2 6 .3 μ S
C o n tr a st set
RS
R/W
DB 7
DB 6
DB 5
DB 4
DB 3
DB 2
DB 1
DB 0
0
0
0
1
1
1
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com