Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7036 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ST7036 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST7036 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
ST7036
V1.1
2003/12/24
11/72
Pin Function
Name
Number
I/O Interfaced with
Function
XRESET
1
I
MPU
External reset pin. Only if the power on reset be used, the
XRESET pin could be fixed to VDD.
Low active.
RS
1
I
MPU
Select registers.
0: Instruction register (for write)
Busy flag & address counter (for read)
1: Data register (for write and read)
R/W
1
I
MPU
Select read or write(In parallel mode).
0: Write
1: Read
E
1
I
MPU
Starts data read/write. (“E” must connect to “VDD” when
serial mode is selected.)
CSB
1
I
MPU
Chip select in parallel mode and serial interface(Low
active). When the CSB in falling edge state ( in serial
interface ), the shift register and the counter are reset.
DB0~DB3 are four low order bi-directional data bus pins.
DB0~DB3 are used for data transfer and receive between
the MPU and the ST7036.
These pins are not used during 4-bit operation and must
connect to VDD.
DB4~DB7 are four high order bi-directional data bus pins.
DB4~DB7 are used for data transfer and receive between
the MPU and the ST7036. DB7 can be used as a busy flag.
In serial interface mode DB7 is SI(input data),DB6 is
SCL(serial clock).
DB0 to DB7
8
I/O
MPU
In I
2C interface DB7 is slave address A1, DB6 is slave
address A0, DB5 DB4 DB3 are SDA –out, DB2 DB1 are
SDA-in and D0 is SCL.
SDA and SCL must connect to I
2C bus ( I2C bus means that
connecting a resister between SDA/SCL and the power of
I
2C bus ).
Ext
1
I
ITO option
Extension instruction select:
0:enable extension instruction(add contrast/ICON/double
height font/ extension instruction)
1:disable extension instruction(compatible to ST7066U, but
without 5x11dot font)
PSB
1
I
MPU
Interface selection
0:serial mode
(“E” must connect to “VDD” when serial mode is selected.)
1:parallel mode(4/8 bit)
In I
2C interface PSB must connect to VDD
PSI2B
1
I
ITO option
PSB
PSI2B
Interface
0
0
No use
0
1
SI4
1
0
SI2 ( I
2C )
1
1
Parallel 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com