Electronic Components Datasheet Search
  English  ▼

X  

SY89306 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89306
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89306 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89306 Datasheet HTML 1Page - Micrel Semiconductor SY89306 Datasheet HTML 2Page - Micrel Semiconductor SY89306 Datasheet HTML 3Page - Micrel Semiconductor SY89306 Datasheet HTML 4Page - Micrel Semiconductor SY89306 Datasheet HTML 5Page - Micrel Semiconductor SY89306 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Precision Edge®
SY89306/316V
Micrel, Inc.
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Lead
Part Number
Type
Range
Package Marking
Finish
SY89306VMGTR(2)
MLF-8
Industrial
306 with bar-line designator
Pb-Free
SY89316VMGTR(2)
MLF-8
Industrial
316 with bar-line designator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A =
25
°C, DC Electricals only.
2. Tape and Reel
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
2, 3
D, /D
100k ECL Input
Differential PECL/ECL Input: The signal inputs include internal 75k
Ω pull-
down resistors. If inputs are left open, Q output will default to LOW. See
“Input Interface Applications” section for single-ended inputs.
7, 6
Q, /Q
100k ECL Output
Differential PECL/ECL Output: Defaults to LOW if D inputs left open. See
“Output Interface Applications” section for recommendations on terminations.
8
VCC
Positive Power
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Supply
5
VEE
Negative Power
Negative Power Supply: VEE and exposed pad must be tied to most
Exposed Pad
Supply
negative supply. For PECL/LVPECL connect to ground.
4
VBB
Reference Voltage
Bias Voltage: V
CC–1.4V. Used as reference voltage when AC coupling to
Output
the D, /D inputs. Max sink/source is
±0.5mA.
1
NC
No connection.
SY89306V
Pin Number
Pin Name
Type
Pin Function
2, 3
D, /D
10k ECL Input
Differential PECL/ECL Input: The signal inputs include internal 75k
Ω pull-down
resistors. If inputs are left open, Q output will default to LOW. See “Input
Interface Applications” section for single-ended inputs.
7, 6
Q, /Q
10k ECL Output
Differential PECL/ECL Output: Defaults to LOW if D inputs left open. See “Output
Interface Applications” section for recommendations on terminations.
8
VCC
Positive Power
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Supply
5
VEE
Negative Power
Negative Power Supply: VEE and exposed pad must be tied to most
Exposed Pad
Supply
negative supply. For PECL/LVPECL connect to ground.
4
VBB
Reference Voltage
Bias Voltage: V
CC–1.4V. Used as reference voltage when AC coupling to
Output
the D, /D inputs. Max sink/source is
±0.5mA.
1
NC
No connection.
SY89316V
NC
D
/D
VBB
VCC
Q
/Q
VEE
1
2
3
4
8
7
6
5
8-Pin MLF™
Ultra-Small Outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com