Electronic Components Datasheet Search
  English  ▼

X  

SY89306 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89306
Description  3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89306 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89306 Datasheet HTML 1Page - Micrel Semiconductor SY89306 Datasheet HTML 2Page - Micrel Semiconductor SY89306 Datasheet HTML 3Page - Micrel Semiconductor SY89306 Datasheet HTML 4Page - Micrel Semiconductor SY89306 Datasheet HTML 5Page - Micrel Semiconductor SY89306 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY89306/316V
Micrel, Inc.
Absolute Maximum Ratings(1)
Power Supply Voltage (V
EE) (VCC = 0V) .......... –6.0V to 0V
Power Supply Voltage (V
CC) (VEE = 0V) .......... +6.0V to 0V
Input Voltage (V
IN)
(V
CC = 0V, VIN not more negative than VEE) –6.0V to 0V
(V
EE = 0V, VIN not more negative than VCC) +6.0V to 0V
Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
V
BB Sink/Source Current (IBB) ................................ ±0.5mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (|V
CC–VEE|) ................. 3.0V to 3.6V
................................................................ 4.5V to 5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(3)
MLF™
(θ
JA)
Still-Air ............................................................. 93
°C/W
500lfpm ............................................................ 87
°C/W
MLF™
(ψ
JB) ........................................................ 60°C/W
V
CC = +3.3V±10% or +5V±10% and VEE = 0V; VCC = 0V and VEE = –3.3V±10% or –5V±10%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
EE
Power Supply Current
48
mA
V
OH
Output HIGH Voltage
Note 4, 5
V
CC–1.085
—
V
CC–0.880
V
V
OL
Output LOW Voltage
Note 4, 5
V
CC–1.830
—
V
CC–1.555
V
V
IH
Input HIGH Voltage
V
CC–1.165
—
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
—
V
CC–1.475
V
V
IHCMR
Input HIGH Voltage
Note 6
V
EE +2.0
—
V
CC–0.4
V
Common Mode Range
V
BB
Bias Voltage
V
CC–1.38
—
V
CC–1.26
V
I
IH
Input HIGH Current
——
150
µA
I
IL
Input LOW Current
0.5
——
µA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance values assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
4. Output loaded with 50
Ω to V
CC–2V.
5. V
IN = VIL(min) or VIH(max)
6. V
IHCMR (Min) varies 1:1 with VEE, (max) varies 1:1 with VCC.
SY89306V (100K ECL) DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com