Electronic Components Datasheet Search
  English  ▼

X  

PDR5KF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PDR5KF
Description  5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5KF Datasheet(HTML) 5 Page - Diodes Incorporated

  PDR5KF Datasheet HTML 1Page - Diodes Incorporated PDR5KF Datasheet HTML 2Page - Diodes Incorporated PDR5KF Datasheet HTML 3Page - Diodes Incorporated PDR5KF Datasheet HTML 4Page - Diodes Incorporated PDR5KF Datasheet HTML 5Page - Diodes Incorporated PDR5KF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PDR5KF
Document number: DS32117 Rev. 6 - 2
5 of 6
www.diodes.com
April 2017
© Diodes Incorporated
PDR5KF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
E
E/2
E1
E1/2
D
A
A1
L1
W
A2
2X b1
b2
L
D2
E2
L
L1
e
PowerDI5
Dim
Min
Max
Typ
A
1.05
1.15
1.10
A1
0.00
0.05
--
A2
0.33
0.43
0.381
b1
0.80
0.99
0.89
b2
1.70
1.88
1.78
D
3.90
4.05
3.966
D2
--
--
3.054
E
6.40
6.60
6.504
e
--
--
1.84
E1
5.30
5.45
5.37
E2
--
--
3.549
L
0.75
0.95
0.85
L1
0.50
0.65
0.57
W
1.10
1.41
1.255
All Dimensions in mm
Dimensions
Value (in mm)
C
1.840
G
0.852
X
1.390
X1
3.360
Y
1.400
Y1
4.860
X
Y
C
X1
Y1
G
PowerDI5
PowerDI5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com