Electronic Components Datasheet Search
  English  ▼

X  

PDR5KF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDR5KF
Description  5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5KF Datasheet(HTML) 1 Page - Diodes Incorporated

  PDR5KF Datasheet HTML 1Page - Diodes Incorporated PDR5KF Datasheet HTML 2Page - Diodes Incorporated PDR5KF Datasheet HTML 3Page - Diodes Incorporated PDR5KF Datasheet HTML 4Page - Diodes Incorporated PDR5KF Datasheet HTML 5Page - Diodes Incorporated PDR5KF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PDR5KF
Document number: DS32117 Rev. 6 - 2
1 of 6
www.diodes.com
April 2017
© Diodes Incorporated
PDR5KF
5A GLASS PASSIVATED FAST RECOVERY RECTIFIER
PowerDI5
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (μA)
800
5
1.2
10
Description
PDR5KF, a 5.0A Glass Passivated Rectifier in our thermally efficient
PowerDI
®
5 package, offers high-surge current capability, low-leakage
current and fast reverse recovery time.
Features and Benefits
Glass Passivated Die Construction for High Reliability
Low Leakage Current Saves Power in Battery-Powered
Applications
Fast Reverse Recovery Speed Provides High Efficiency in
Switching Applications
Large Exposed Heat Sink on Device Underside Provides Good
Heat-Sinking to Support High Power Dissipation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.096 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
PDR5KF-13
Commercial
PowerDI5
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
R5KF = Product Type Marking Code
= Manufacturers’ Code Marking
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 17 for 2017)
WW = Week Code (01 to 53)
K = Factory Designator
YYWWK
R5KF
Green
PowerDI is a registered trademark of Diodes Incorporated.


Similar Part No. - PDR5KF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDR5K DIODES-PDR5K Datasheet
173Kb / 2P
PDR5K - Industry first 5A/750V rectifier in a PowerDi-5 package
PDR5K-13 DIODES-PDR5K-13 Datasheet
213Kb / 5P
5A GLASS PASSIVATED RECTIFIER
Rev 2
More results

Similar Description - PDR5KF

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
SF50-005G FRONTIER-SF50-005G Datasheet
128Kb / 2P
5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com