Electronic Components Datasheet Search
  English  ▼

X  

US1KSAFS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # US1KSAFS
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1KSAFS Datasheet(HTML) 4 Page - Diodes Incorporated

  US1KSAFS Datasheet HTML 1Page - Diodes Incorporated US1KSAFS Datasheet HTML 2Page - Diodes Incorporated US1KSAFS Datasheet HTML 3Page - Diodes Incorporated US1KSAFS Datasheet HTML 4Page - Diodes Incorporated US1KSAFS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1KSAFS
Document number: DS38879 Rev. 2 - 2
4 of 5
www.diodes.com
September 2016
© Diodes Incorporated
US1KSAFS
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMA-FS
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMA-FS
Dimensions Value (in mm)
G
2.10
X
5.30
Y
1.77
SMA-FS
Dim
Min
Max
A
0.90
1.20
b
1.30
1.50
c
0.11
0.21
D
2.30
2.70
E
3.30
3.70
HE
4.40
4.80
L
0.70
1.10
L1
0.45
0.65
All Dimensions in mm
E
D
b
H
E
L1
c
L
L
A
X
Y
G
Figure 7.
tRR
Notes:
10. Rise Time = 7.0ns max. Input Impedance = 1.0M
, 22pF.
11. Rise Time = 10ns max. Input Impedance = 50
.
(Note 10)
(Note 11)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com