Electronic Components Datasheet Search
  English  ▼

X  

US1KSAFS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # US1KSAFS
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1KSAFS Datasheet(HTML) 3 Page - Diodes Incorporated

  US1KSAFS Datasheet HTML 1Page - Diodes Incorporated US1KSAFS Datasheet HTML 2Page - Diodes Incorporated US1KSAFS Datasheet HTML 3Page - Diodes Incorporated US1KSAFS Datasheet HTML 4Page - Diodes Incorporated US1KSAFS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US1KSAFS
Document number: DS38879 Rev. 2 - 2
3 of 5
www.diodes.com
September 2016
© Diodes Incorporated
US1KSAFS
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
1
10
100
0
20
40
60
80
100
V
R, DC REVERSE VOLTAGE (V)
Figure 5. Total Capacitance
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
I
F(av), AVERAGE FORWARD CURRENT (A)
Figure 6. Forward Power Dissipation
T
J = 150
oC
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0 01
.
0 1
.
1
10
0 5
.
1 0
.
1 5
.
2 0
.
2 5
.
3 0
.
T = -55°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 100°C
A
T = 125°C
A
Figure 4 Typical Reverse Characteristics
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0 001
.
0 01
.
0 1
.
1
10
100
20
40
60
80
100
T = -55°C
A
T = 25°C
A
T = 85°C
A
T =100°C
A
T = 125°C
A
T = 150°C
A
f = 1MHz
Figure 3. Forward Surge Current Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com