Electronic Components Datasheet Search
  English  ▼

X  

TD3043 Datasheet(PDF) 2 Page - Solid State Optronic

Part # TD3043
Description  Zero-Volt Switching Triac Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3043 Datasheet(HTML) 2 Page - Solid State Optronic

  TD3043 Datasheet HTML 1Page - Solid State Optronic TD3043 Datasheet HTML 2Page - Solid State Optronic TD3043 Datasheet HTML 3Page - Solid State Optronic TD3043 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TD3043
Zero-Volt Switching
Triac Driver
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Reverse Leakage Current
10
Vr=4V
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Peak Blocking Current
n
60
500
VDRM=Rated
A
Leakage Current
1
IF=Rated, VDRM=Rated, Off State
V
1.8
3
ITM=100mA
Critical Rate of Rise
V
6
00
/
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 minute
Inhibit Voltage
V
Isolation Resistance
G
50
DC500V
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
Holding Current
100
5
20
IF=5mA
Trigger Current
mA
Main Terminal Voltage=3V
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com