Electronic Components Datasheet Search
  English  ▼

X  

TD3043 Datasheet(PDF) 4 Page - Solid State Optronic

Part # TD3043
Description  Zero-Volt Switching Triac Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3043 Datasheet(HTML) 4 Page - Solid State Optronic

  TD3043 Datasheet HTML 1Page - Solid State Optronic TD3043 Datasheet HTML 2Page - Solid State Optronic TD3043 Datasheet HTML 3Page - Solid State Optronic TD3043 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MECHANICAL DIMENSIONS
6 PIN DUAL IN-LINE PACKAGE (Through Hole)
6 PIN SURFACE MOUNT DEVICE (SMD)
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
TOLERANCE :+ 0.25mm
Unit in (mm)
0.4" Lead Spacing
TD3043
Zero-Volt Switching
Triac Driver



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com