Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO224
Description  Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO224 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
6
5
4
3
2
1
0
-10
-5
0
5
10
15
VIN (V)
VFSR
-15
VCMout
VCLIPPING
VOUTP
VOUTN
12
ISO224
SBAS738 – JUNE 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Analog Input
The input stage of the ISO224 feeds a second-order, switched capacitor, feed-forward ΔΣ modulator. The
modulator converts the analog signal into a bitstream that is transferred over the isolation barrier, as described in
the section. The high-impedance and low bias-current input of the ISO224 makes the device suitable for isolated
voltage sensing applications.
Figure 5 visualizes the difference in the transfer function of the ISO224 depending on the input signal VIN, as
specified in the Recommended Operating Conditions table. With the input voltage within the specified full-scale
range VFSR, the output of the device changes in a linear way with small error as specified by the nonlinearity
parameter in the Electrical Characteristics table. If the input signal exceeds the VFSR range, the nonlinearity of
the output signals increases and the amplitude clips at VIN = VCLIPPING.
Figure 5. Transfer Function of the ISO224
There are two restrictions on the analog input signal at the IN pin. First, if the input voltage VIN exceeds the
range of –15 V to 15 V, the current must be limited to 10 mA to prevent damage to the input clamp, see the Input
Clamp Protection Circuit section for further information. In addition, the linearity and noise performance of the
ISO224 are ensured only when the analog input voltage remains within the specified linear full-scale range
(VFSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com