Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO224
Description  Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO224 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments ISO224 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
GND1
IN
ISO224
Clamp
RFLT
CFLT
Input
Signal
GND1
Input Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-50
-40
-30
-20
-10
0
10
20
30
40
50
D007
13
ISO224
www.ti.com
SBAS738 – JUNE 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input Clamp Protection Circuit
As illustrated in the Functional Block Diagram, the ISO224 features an internal clamp protection circuit on the
analog input IN. Using external protection circuits is recommended as a secondary protection scheme to protect
the device against surges, ESD events, and electrical fast transient (EFT) conditions.
Figure 6 shows a typical current versus voltage characteristic curve for the input clamp. Limit either the voltage
VIN at the input pin IN to the voltage range as defined in the Recommended Operating Conditions table or the
input current to the limits as defined in the Absolute Maximum Ratings table.
Figure 6. I-V Curve of the Input Clamp Protection Circuit
Figure 7 shows a simple method to limit the input current with an external series resistor that is also used as part
of the input low-pass filter.
Figure 7. Series Resistor-Based Input Current Limitation on the Analog Inputs of ISO224
The input overvoltage protection clamp on the ISO224 is intended to control transient excursions on the input
pins. Leaving the device in a state such that the clamp circuit is activated for extended periods of time in normal
or power-down mode is not recommended because this fault condition can degrade device performance and
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com