Electronic Components Datasheet Search
  English  ▼

X  

X76F641 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X76F641
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X76F641 Datasheet HTML 9Page - Xicor Inc. X76F641 Datasheet HTML 10Page - Xicor Inc. X76F641 Datasheet HTML 11Page - Xicor Inc. X76F641 Datasheet HTML 12Page - Xicor Inc. X76F641 Datasheet HTML 13Page - Xicor Inc. X76F641 Datasheet HTML 14Page - Xicor Inc. X76F641 Datasheet HTML 15Page - Xicor Inc. X76F641 Datasheet HTML 16Page - Xicor Inc. X76F641 Datasheet HTML 17Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
X76F641
13
RESET AC SPECIFICATIONS
Power Up Timing
Notes: 1.
Delays are measured from the time VCC is stable until the specified operation can be initiated.These parameters are periodically sampled
and not 100% tested.
2.
Typical values are for TA = 25˚C and VCC = 5.0V
Nonvolatile Write Cycle Timing
Notes: 1.
tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle.
It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
TIMING DIAGRAMS
Bus Timing
Write Cycle Timing
Symbol
Parameter
Min.
Typ(2)
Max.
Units
tPUR
(1)
Time from Power Up to Read
1
mS
tPUW
(1)
Time from Power Up to Write
5
mS
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
tWC
(1)
Write Cycle Time
5
10
mS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
7025 FM 18
SCL
SDA
tWC
8th bit of last byte
ACK
Stop
Condition
Start
Condition
7025 FM 19
7025 FM T11
7025 FM T12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com