Electronic Components Datasheet Search
  English  ▼

X  

X76F641 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X76F641
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X76F641 Datasheet HTML 2Page - Xicor Inc. X76F641 Datasheet HTML 3Page - Xicor Inc. X76F641 Datasheet HTML 4Page - Xicor Inc. X76F641 Datasheet HTML 5Page - Xicor Inc. X76F641 Datasheet HTML 6Page - Xicor Inc. X76F641 Datasheet HTML 7Page - Xicor Inc. X76F641 Datasheet HTML 8Page - Xicor Inc. X76F641 Datasheet HTML 9Page - Xicor Inc. X76F641 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X76F641
6
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F641 initiates the internal
nonvolatile write cycle. In order to take advantage of the
typical
5ms
write
cycle,
ACK
polling
can
begin
immediately. This involves issuing the start condition
followed by the new command code of 8 bits (1st byte of
the protocol.) If the X76F641 is still busy with the
nonvolatile write operation, it will issue a “no-ACK” in
response.
If
the
nonvolatile
write
operation
has
completed, an “ACK” will be returned and the host can
then proceed with the rest of the protocol.
After the password sequence, there is always a nonvola-
tile write cycle. This is done to discourage random
guesses of the password if the device is being tampered
with. In order to continue the transaction, the X76F641
requires the master to perform an ACK polling with the
specific code of F0h. As with regular Acknowledge polling
the user can either time out for 10ms, and then issue the
ACK polling once, or continuously loop as described in
the flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle is over,
in response to the ACK polling cycle immediately follow-
ing it.
If the password that was inserted was incorrect, then a
“no ACK” will be returned even if the nonvolatile cycle is
over. Therefore, the user cannot be certain that the pass-
word is incorrect until the 10ms write cycle time has
elapsed.
Data ACK Polling Sequence
ACK
RETURNED
?
ISSUE NEW
COMMAND
CODE
WRITE SEQUENCE
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 08
Password ACK Polling Sequence
ACK
RETURNED
?
ISSUE
PASSWORD
ACK COMMAND
PASSWORD LOAD
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com