Electronic Components Datasheet Search
  English  ▼

X  

FT29F040B Datasheet(PDF) 6 Page - Force Technologies Ltd

Part # FT29F040B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F040B Datasheet(HTML) 6 Page - Force Technologies Ltd

Back Button FT29F040B Datasheet HTML 2Page - Force Technologies Ltd FT29F040B Datasheet HTML 3Page - Force Technologies Ltd FT29F040B Datasheet HTML 4Page - Force Technologies Ltd FT29F040B Datasheet HTML 5Page - Force Technologies Ltd FT29F040B Datasheet HTML 6Page - Force Technologies Ltd FT29F040B Datasheet HTML 7Page - Force Technologies Ltd FT29F040B Datasheet HTML 8Page - Force Technologies Ltd FT29F040B Datasheet HTML 9Page - Force Technologies Ltd FT29F040B Datasheet HTML 10Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ORDERING INFORMATION
-
FT29F040B
-
XX X
X
TEMPERATURE RANGE
C
=
Commercial (0
°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
D
=
Commercial (0
°C to +70°C) for Pb-free Package
F
=
Industrial (-40
°C to +85°C) for Pb-free Package
K
=
Extended (-55
°C to +125°C) for Pb-free Package
PACKAGE TYPE
P
=
32-Pin Plastic DIP (
032
)
J
=
32-Pin Rectangular Plastic Leaded Chip Carrier (
032
)
E
=
32-Pin Thin Small Outline Package (TSOP) Standard Pinout (
032
)
F
=
32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (
032
)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
FT29F040B
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Valid Combinations
VCC Voltage
FT29F040B-55
JC, JI, JE, JD, JF, JK
EC, ED, EI, EE, EF
FC, FI, FE, EK
5.0 V
± 5%
FT29F040B-70
5.0 V
± 10%
FT29F040B-90
PC, PI, PE, PD, PF, PK,
JC, JI, JE, JD, JF, JK
EC, EI, EE, ED, EF, EK
FC, FI, FE
FT29F040B-120
FT29F040B-150
FT29F040B
K
= 32 Lead Cerquad "K" (CQ032)
Rev 2
Page 6 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com