Electronic Components Datasheet Search
  English  ▼

X  

FT29F040B Datasheet(PDF) 22 Page - Force Technologies Ltd

Part # FT29F040B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F040B Datasheet(HTML) 22 Page - Force Technologies Ltd

Back Button FT29F040B Datasheet HTML 18Page - Force Technologies Ltd FT29F040B Datasheet HTML 19Page - Force Technologies Ltd FT29F040B Datasheet HTML 20Page - Force Technologies Ltd FT29F040B Datasheet HTML 21Page - Force Technologies Ltd FT29F040B Datasheet HTML 22Page - Force Technologies Ltd FT29F040B Datasheet HTML 23Page - Force Technologies Ltd FT29F040B Datasheet HTML 24Page - Force Technologies Ltd FT29F040B Datasheet HTML 25Page - Force Technologies Ltd FT29F040B Datasheet HTML 26Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AC CHARACTERISTICS
Read Only Operations
Notes:
1. See Figure 7 and Table 6 for test conditions.
2. Output driver disable time.
3. Not 100% tested.
Parameter Symbols
Description
Test Setup
Speed Options (Note 1)
Unit
JEDEC
Std
-55
-70
-90
-120
-150
tAVAV
tRC
Read Cycle Time (Note 3)
Min
55
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL,
OE# = VIL
Max
55
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
50
55
ns
tOEH
Output Enable Hold
Time (Note 3)
Read
Min
0
0
0
0
0
ns
Toggle and
Data# Polling
Min
10
10
10
10
10
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 2, 3)
Max
18
20
20
30
35
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 2, 3)
18
20
20
30
35
ns
tAXQX
tOH
Output Hold Time from Addresses, CE#
or OE#, Whichever Occurs First
Min
0
0
0
0
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
tDF
tOH
Figure 8.
Read Operation Timings
FT29F040B
Rev 2
Page 22 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com