Electronic Components Datasheet Search
  English  ▼

X  

FTC41041 Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FTC41041
Description  HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FTC41041 Datasheet(HTML) 1 Page - Force Technologies Ltd

  FTC41041 Datasheet HTML 1Page - Force Technologies Ltd FTC41041 Datasheet HTML 2Page - Force Technologies Ltd FTC41041 Datasheet HTML 3Page - Force Technologies Ltd FTC41041 Datasheet HTML 4Page - Force Technologies Ltd FTC41041 Datasheet HTML 5Page - Force Technologies Ltd FTC41041 Datasheet HTML 6Page - Force Technologies Ltd FTC41041 Datasheet HTML 7Page - Force Technologies Ltd FTC41041 Datasheet HTML 8Page - Force Technologies Ltd FTC41041 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FTC41041
HIGH SPEED 256K x 16 (4 MEG)
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 10/12/15/20 ns (Commercial)
— 12/15/20 ns (Industrial/Military)
Low Power
Single 5.0V ± 10% Power Supply
2.0V Data Retention
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
FEATURES
DESCRIPTION
The FTC41041 is a 262,144 words by 16 bits high-speed
CMOS static RAM. The CMOS memory requires no
clocks or refreshing, and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM
operates from a single 5.0V ± 10% tolerance power
supply.
Access times as fast as 10 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilised
to reduce power consumption to a low level.
The FTC41041 is a member of a family of FTSRAM
products offering fast access times.
The FTC41041 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A17. Reading
is accomplished by device selection (CE and output
enabling (OE) while write enable (WE) remains HIGH.
By presenting the address under these conditions, the
data in the addressed memory location is presented on
the data input/output pins. The input/output pins stay
in the HIGH Z state when either CE or OE is HIGH or
WE is LOW.
Easy Memory Expansion Using CE and OE
Inputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Fast t
OE
Automatic Power Down when deselected
SOJ
Package: 44-Pin SOJ
2013
1 of 11
Rev C


Similar Part No. - FTC41041

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4115M FS-FTC4115M Datasheet
107Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FTC41041

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P4C1041L PYRAMID-P4C1041L Datasheet
674Kb / 11P
LOW POWER 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com