Electronic Components Datasheet Search
  English  ▼

X  

FTC41041 Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FTC41041
Description  HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FTC41041 Datasheet(HTML) 3 Page - Force Technologies Ltd

  FTC41041 Datasheet HTML 1Page - Force Technologies Ltd FTC41041 Datasheet HTML 2Page - Force Technologies Ltd FTC41041 Datasheet HTML 3Page - Force Technologies Ltd FTC41041 Datasheet HTML 4Page - Force Technologies Ltd FTC41041 Datasheet HTML 5Page - Force Technologies Ltd FTC41041 Datasheet HTML 6Page - Force Technologies Ltd FTC41041 Datasheet HTML 7Page - Force Technologies Ltd FTC41041 Datasheet HTML 8Page - Force Technologies Ltd FTC41041 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
*V
CC = 3.6V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH.
POWER DISSIPATION CHARACTERISTICS VS. SPEED
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5.0V ± 10%, All Temperature Ranges)
(2)
Sym
Parameter
Temperature Range
-10
-12
-15
-20
Unit
I
CC
Dynamic Operating Current*
Commercial
100
90
80
70
mA
Industrial
100
90
80
70
mA
Military
N/A
110
100
90
mA
Sym
Parameter
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
RC
Read Cycle Time
10
12
15
20
ns
t
AA
Address Access Time
10
12
15
20
ns
t
AC
Chip Enable Access Time
10
12
15
20
ns
t
OH
Output Hold from Address Change
3
3
3
3
ns
t
LZ
Chip Enable to Output in Low Z
3
3
3
3
ns
t
HZ
Chip Disable to Output in High Z
5
6
7
8
ns
t
OE
Output Enable Low to Data Valid
5
6
7
8
ns
t
OLZ
Output Enable Low to Low Z
0
0
0
0
ns
t
OHZ
Output Enable High to High Z
5
6
7
8
ns
t
PU
Chip Enable to Power Up Time
0
0
0
0
ns
t
PD
Chip Disable to Power Down Time
10
12
15
20
ns
t
BE
Byte Enable to Data Valid
5
6
7
8
ns
t
LZBE
Byte Enable to Low Z
0
0
0
0
ns
t
HZBE
Byte Disable to High Z
6
6
7
8
ns
FTC41041
HIGH SPEED 256K x 16 (4 MEG)
STATIC CMOS RAM
2013
3 of 11
Rev C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com