Electronic Components Datasheet Search
  English  ▼

X  

FT28C16-20PC Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT28C16-20PC
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16-20PC Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT28C16-20PC Datasheet HTML 1Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 2Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 3Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 4Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 5Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 6Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 7Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 8Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Fast Read Access Time - 150 ns
• Fast Byte Write - 200 µs or 1 ms
• Self-Timed Byte Write Cycle
–Internal Address and Data Latches
–Internal Control Timer
–Automatic Clear Before Write
• Direct Microprocessor Control
–DATA POLLING
• Low Power
–30 mA Active Current
–100 µA CMOS Standby Current
• High Reliability
–Endurance: 10 4 or 105 Cycles
–Data Retention: 10 Years
• 5V ± 10% Supply
• CMOS & TTL Compatible Inputs and Outputs
• JEDEC Approved Byte Wide Pinout
• Commercial, Industrial and Military Temperature Ranges
Description
The FT28C16 is a low-power, high-performance Electrically Erasable and Program-
mable Read Only Memory with easy to use features. The FT28C16 is a 16K memory
organised as 2,048 words by 8 bits. The device is manufactured with reliable Atmel die.
Pin Configurations
Pin Name
Function
A0 - A10
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
CDIL,/FP
TopV iew
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A8
A9
WE
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
(continued)
FT28C16
Parallel EEPROM 16K (2Kx8)
TopV iew
Note: PLCC package pins 1 and 17
are DON’T CONNECT.
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
NC
NC
OE
A10
CE
I/O7
I/O6
LCC/"J"LCC
Rev 2
1/12
2011


Similar Part No. - FT28C16-20PC

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28C010 FORCE-FT28C010 Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DB-AT FORCE-FT28C010-12DB-AT Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DB-X FORCE-FT28C010-12DB-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DI-AT FORCE-FT28C010-12DI-AT Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DI-X FORCE-FT28C010-12DI-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
More results

Similar Description - FT28C16-20PC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
CMOS 16K-bit PARALLEL EEPROM
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
16K (2K x 8) Parallel EEPROMs
logo
Holtek Semiconductor In...
HT6116 HOLTEK-HT6116 Datasheet
305Kb / 10P
CMOS 2Kx8-Bit SRAM
3rd July 97
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
16K (2K x 8) Parallel EEPROMs
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A_04 Datasheet
417Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
CAT28C17A CATALYST-CAT28C17A_04 Datasheet
512Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48 Datasheet
344Kb / 15P
2Kx8 AutoStore nvSRAM
STK22C48 SIMTEK-STK22C48_08 Datasheet
316Kb / 16P
2Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com