Electronic Components Datasheet Search
  English  ▼

X  

FT28C16-20PC Datasheet(PDF) 10 Page - Force Technologies Ltd

Part # FT28C16-20PC
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16-20PC Datasheet(HTML) 10 Page - Force Technologies Ltd

Back Button FT28C16-20PC Datasheet HTML 4Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 5Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 6Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 7Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 8Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 9Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 10Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 11Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 12Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Packaging Information
.045(1.14) X 45° PIN NO. 1
IDENTIFY
.025(.635) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.530(13.5)
.490(12.4)
.030(.762)
.015(3.81)
.095(2.41)
.060(1.52)
.140(3.56)
.120(3.05)
.032(.813)
.026(.660)
.050(1.27) TYP
.553(14.0)
.547(13.9)
.595(15.1)
.585(14.9)
.300(7.62) REF
.430(10.9)
.390(9.90)
AT CONTACT
POINTS
.022(.559) X 45° MAX (3X)
.453(11.5)
.447(11.4)
.495(12.6)
.485(12.3)
1.27(32.3)
1.24(31.5)
PIN
1
.566(14.4)
.530(13.5)
.090(2.29)
MAX
.005(.127)
MIN
.065(1.65)
.015(.381)
.022(.559)
.014(.356)
0
15
REF
.630(16.0)
.590(15.0)
.065(1.65)
.041(1.04)
.690(17.5)
.610(15.5)
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.161(4.09)
.125(3.18)
SEATING
PLANE
.220(5.59)
MAX
1.100(27.94) REF
.020(.508)
.013(.330)
.299(7.60)
.291(7.39)
.420(10.7)
.393(9.98)
.105(2.67)
.092(2.34)
.050(1.27) BSC
.616(15.6)
.598(15.2)
.012(.305)
.003(.076)
.013(.330)
.009(.229)
.050(1.27)
.015(.381)
8
0 REF
PIN 1 ID
32J, 32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AA
24P6, 24-Lead, 0.600” Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-011 AA
24S, 24-Lead, 0.300” Wide, Plastic Gull Wing Small
Outline (SOIC)
Dimensions in Inches and (Millimeters)
FT28C16
Parallel EEPROM 16K (2Kx8)
1.29(32.8)
1.24(31.5)
PIN
1
.610(15.5)
.510(13.0)
.098(2.49)
MAX
.005(.127)
MIN
.060(1.52)
.015(.381)
.023(.584)
.014(.356)
.065(1.65)
.045(1.14)
.620(15.7)
.590(15.0)
0
15
REF
.700(17.8) MAX
.015(.381)
.008(.203)
.110(2.79)
.090(2.29)
.200(5.08)
.125(3.18)
SEATING
PLANE
.225(5.72)
MAX
1.100(27.94) REF
24D6, 24-lead, 0.600" Wide, Non-Windowed,
Ceramic Dual Inline Package (Cerdip)
Rev 2
10/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com