Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA145IDBVT Datasheet HTML 1Page - Texas Instruments OPA145IDBVT Datasheet HTML 2Page - Texas Instruments OPA145IDBVT Datasheet HTML 3Page - Texas Instruments OPA145IDBVT Datasheet HTML 4Page - Texas Instruments OPA145IDBVT Datasheet HTML 5Page - Texas Instruments OPA145IDBVT Datasheet HTML 6Page - Texas Instruments OPA145IDBVT Datasheet HTML 7Page - Texas Instruments OPA145IDBVT Datasheet HTML 8Page - Texas Instruments OPA145IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
OPA145
SBOS427C – JUNE 2017 – REVISED JULY 2018
www.ti.com
Product Folder Links: OPA145
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to VS / 2 (ground in symmetrical dual-supply setups), one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, (V+) – (V–)
Dual supply
±20
V
Single supply
40
Signal input pins(2)
Voltage
(V–) – 0.5
(V+) + 0.5
Current
±10
mA
Output short-circuit(3)
Continuous
Continuous
Operating temperature, TA
–55
150
°C
Junction temperature, TJ
150
Storage temperature, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
Dual supply
±2.25
±15
±18
V
Single supply
4.5
30
36
TA
Ambient temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC (1)
OPA145
UNIT
D (SOIC)
DGK (VSSOP)
DBV (SOT)
8 PINS
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
136
143
205
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
74
47
200
°C/W
RθJB
Junction-to-board thermal resistance
62
64
113
°C/W
ΨJT
Junction-to-top characterization parameter
19.7
5.3
38.2
°C/W
ΨJB
Junction-to-board characterization parameter
54.8
62.8
104.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com