Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA145IDBVT Datasheet HTML 9Page - Texas Instruments OPA145IDBVT Datasheet HTML 10Page - Texas Instruments OPA145IDBVT Datasheet HTML 11Page - Texas Instruments OPA145IDBVT Datasheet HTML 12Page - Texas Instruments OPA145IDBVT Datasheet HTML 13Page - Texas Instruments OPA145IDBVT Datasheet HTML 14Page - Texas Instruments OPA145IDBVT Datasheet HTML 15Page - Texas Instruments OPA145IDBVT Datasheet HTML 16Page - Texas Instruments OPA145IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Time (250 ns/div)
C017
12-bit Settling = “2.44 mV
Falling Edge
Rising Edge
t = 0
0
10
20
30
40
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Sourcing
Sinking
Time (2 µs/div)
Output
Input
C017
Time (2 µs/div)
Output
Input
C017
Time (200 ns/div)
Output
Input
C017
Time (200 ns/div)
Output
Input
C017
13
OPA145
www.ti.com
SBOS427C – JUNE 2017 – REVISED JULY 2018
Product Folder Links: OPA145
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
G = +1
Figure 31. Small-Signal Step Response (10-mV Step)
10-mV Step
G = –1
Figure 32. Small-Signal Step Response
10-V Step
G = –1
Figure 33. Large-Signal Step Response
10-V Step
G = +1
Figure 34. Large-Signal Step Response
12-bit settling on 10-V step = ±2.44 mV
Figure 35. Settling Time (10-V Step)
Figure 36. Short-Circuit Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com