Electronic Components Datasheet Search
  English  ▼

X  

FPF2124 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FPF2124
Description  Advanced Load Management Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2124 Datasheet(HTML) 5 Page - ON Semiconductor

  FPF2124 Datasheet HTML 1Page - ON Semiconductor FPF2124 Datasheet HTML 2Page - ON Semiconductor FPF2124 Datasheet HTML 3Page - ON Semiconductor FPF2124 Datasheet HTML 4Page - ON Semiconductor FPF2124 Datasheet HTML 5Page - ON Semiconductor FPF2124 Datasheet HTML 6Page - ON Semiconductor FPF2124 Datasheet HTML 7Page - ON Semiconductor FPF2124 Datasheet HTML 8Page - ON Semiconductor FPF2124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
4
www.fairchildsemi.com
FPF2123-FPF2125 Rev. F
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz. copper board.
Parameter
Symbol
Conditions
Min.
Typ.
Max Units
Dynamic
Turn on time
tON
RL = 500 , CL = 0.1 F
25
s
Turn off time
tOFF
RL = 500 , CL = 0.1 F
70
s
VOUT Rise Time
tR
RL = 500 , CL = 0.1 F
12
s
VOUT Fall Time
tF
RL = 500 , CL = 0.1 F
200
s
Over Current Blanking Time
tBLANK
FPF2123, FPF2124
5
10
20
ms
Auto-Restart Time
tRESTART
FPF2123
80
160
320
ms
FPF2124, FPF2125
NA
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3
s
VIN = VON = 3.3V. Hard Short.
20
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com