Electronic Components Datasheet Search
  English  ▼

X  

FPF2124 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FPF2124
Description  Advanced Load Management Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2124 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FPF2124 Datasheet HTML 3Page - ON Semiconductor FPF2124 Datasheet HTML 4Page - ON Semiconductor FPF2124 Datasheet HTML 5Page - ON Semiconductor FPF2124 Datasheet HTML 6Page - ON Semiconductor FPF2124 Datasheet HTML 7Page - ON Semiconductor FPF2124 Datasheet HTML 8Page - ON Semiconductor FPF2124 Datasheet HTML 9Page - ON Semiconductor FPF2124 Datasheet HTML 10Page - ON Semiconductor FPF2124 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6
www.fairchildsemi.com
FPF2123-FPF2125 Rev. F
Typical Characteristics
Figure 7. ILATCH-OFF Current vs. Temperature
Figure 8. Current Limit vs. Input Voltage
Figure 9. Current Limit vs. Temperature
Figure 10. Current Limit vs. Rest
Figure 11. VIH vs. VIN
Figure 12. RON vs. VIN
49.0
49.5
50.0
50.5
51.0
51.5
52.0
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE ( C)
700
740
780
820
860
900
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN, INPUT VOLTAGE (V)
VIN - VOUT = 0.3V
RSET = 576
700
740
780
820
860
900
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
RSET = 576(
0
300
600
900
1200
1500
1800
200
800
1400
2000
2600
3200
RSET (Ohms)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
2
3
4
5
6
VIN, Input Voltage (V)
100
110
120
130
140
150
160
170
1
2
3
4
5
6
VIN, Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com