Electronic Components Datasheet Search
  English  ▼

X  

FPF2213 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FPF2213
Description  Integrated Load Switch with Adjustable High Precision Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2213 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FPF2213 Datasheet HTML 3Page - ON Semiconductor FPF2213 Datasheet HTML 4Page - ON Semiconductor FPF2213 Datasheet HTML 5Page - ON Semiconductor FPF2213 Datasheet HTML 6Page - ON Semiconductor FPF2213 Datasheet HTML 7Page - ON Semiconductor FPF2213 Datasheet HTML 8Page - ON Semiconductor FPF2213 Datasheet HTML 9Page - ON Semiconductor FPF2213 Datasheet HTML 10Page - ON Semiconductor FPF2213 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6
www.fairchildsemi.com
FPF2213-FPF2215 Rev. C
Typical Characteristics
250
255
260
265
270
275
280
285
290
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 5.5V
VIN = 3.3V
VIN = 1.8V
Figure 7. Current Limit vs. Output Voltage
Figure 8. Current Limit vs. Temperature
Figure 10. RON vs. Temperature
Figure 11. TON / TOFF vs. Temperature
Figure 12. TRISE / TFALL vs. Temperature
Figure 9. RON vs. Input Voltage
0
50
100
150
200
250
300
0
1
2
3
4
5
6
VIN-VOUT (V)
150
200
250
300
350
400
450
500
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE ( C)
V
IN=1.8V
V
IN=3.3V
V
IN=5.5V
0.1
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.11uF
TOFF
TON
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TRISE
TFALL
VIN = 3.3V
RL = 500 Ohms
COUT = 0.11uF
150
190
230
270
310
350
390
430
470
1.5
2.5
3.5
4.5
5.5
VIN, SUPPLY VOLTAGE (V)
85
oC
25
oC
-40
oC
RSET = 26.8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com