Electronic Components Datasheet Search
  English  ▼

X  

FPF2213 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2213
Description  Integrated Load Switch with Adjustable High Precision Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2213 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2213 Datasheet HTML 1Page - ON Semiconductor FPF2213 Datasheet HTML 2Page - ON Semiconductor FPF2213 Datasheet HTML 3Page - ON Semiconductor FPF2213 Datasheet HTML 4Page - ON Semiconductor FPF2213 Datasheet HTML 5Page - ON Semiconductor FPF2213 Datasheet HTML 6Page - ON Semiconductor FPF2213 Datasheet HTML 7Page - ON Semiconductor FPF2213 Datasheet HTML 8Page - ON Semiconductor FPF2213 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
tm
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2009
FPF2213-FPF2215 Rev. C
FPF2213-FPF2215
Integrated Load Switch with Adjustable High Precision Current Limit
Features
1.8 to 5.5V Input Voltage Range
Typical RDS(ON) = 250m @ VIN = 5.5V
Typical RDS(ON) = 275m @ VIN = 3.3V
100-250mA (min) Adjustable Current Limit
5% Current Limit Tolerance @ 250mA (min)
72
(typ) Output Discharge Resistance
ESD Protected, Above 8000V HBM and 2000V CDM
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Notebook Computer
General Description
The FPF2213-FPF2215 are low RDS(ON) P-Channel MOSFET
load switches with high precision current limit value. The input
voltage range operates from 1.8V to 5.5V to fulfill today's Ultra
Portable Device's supply requirement. Switch control is by a
logic input (ON) capable of interfacing directly with low voltage
control signal. On-chip pull-down is available for output quick
discharge when switch is turned off.
For the FPF2214, if the constant current condition still persists
after 30ms, these parts will shut off the switch and pull the fault
signal pin (FLAGB) low. The FPF2213 has an auto-restart
feature, which will turn the switch on again after 450mS if the
ON pin is still active. The FPF2214 do not have this auto-restart
feature so the switch will remain off until the ON pin is cycled.
For the FPF2215, a current limit condition will immediately pull
the fault signal pin low and the part will remain in the constant-
current mode until the switch current falls below the current
limit. For the FPF2213 through FPF2215, the current limit is set
by an external resistor and the minimum current limit is 100mA.
Ordering Information
Part
Current Limit
(mA)
Current Limit
Blanking Time
(mS)
Auto-Restart Time
(mS)
ON Pin
Activity
FPF2213
100-250
30
450
Active HI
FPF2214
100-250
30
NA
Active HI
FPF2215
100-250
NA
NA
Active HI
BOTTOM
TOP
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com