Electronic Components Datasheet Search
  English  ▼

X  

KA2807 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA2807
Description  Ear th Leakage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA2807 Datasheet(HTML) 2 Page - ON Semiconductor

  KA2807 Datasheet HTML 1Page - ON Semiconductor KA2807 Datasheet HTML 2Page - ON Semiconductor KA2807 Datasheet HTML 3Page - ON Semiconductor KA2807 Datasheet HTML 4Page - ON Semiconductor KA2807 Datasheet HTML 5Page - ON Semiconductor KA2807 Datasheet HTML 6Page - ON Semiconductor KA2807 Datasheet HTML 7Page - ON Semiconductor KA2807 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Full Advantage of the UL943
• Built-In Voltage Regulator
• Sense Coil: 1000:1
• GND/Neutral Coil: 200:1
• Trip Time in Normal Fault and Ground Neutral Fault is
18ms Typ
• Wide Operating Temperature Range
• Excellent ESD Characteristic
• 1mA Output Current Pulse to Trigger SCR
Description
The KA2807 is a IC for ground fault circuit interrupters
which are intended to provide an electrical shock hazard pro-
tection from line to ground fault currents on grounded cir-
cuits of 120V supplies.
Internal Block Diagram
8
56
7
1
4
3
2
V.REG.
TIMING CONTROL
AMP
LATCH
VCC
AMP OUT
TIMING
RESISTOR
TIMING
CAPACITOR
TRIGGER OUT
GND
+INPUT
-INPUT
+
_
K A2 8 0 7
Ea r t h Le a k a ge De t e c t or
8-DIP
1
8-SOP
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com