Electronic Components Datasheet Search
  English  ▼

X  

KA2807 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA2807
Description  Ear th Leakage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA2807 Datasheet(HTML) 3 Page - ON Semiconductor

  KA2807 Datasheet HTML 1Page - ON Semiconductor KA2807 Datasheet HTML 2Page - ON Semiconductor KA2807 Datasheet HTML 3Page - ON Semiconductor KA2807 Datasheet HTML 4Page - ON Semiconductor KA2807 Datasheet HTML 5Page - ON Semiconductor KA2807 Datasheet HTML 6Page - ON Semiconductor KA2807 Datasheet HTML 7Page - ON Semiconductor KA2807 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA2807
2
Absolute Maximum Ratings
Electrical Characteristics
(TA = 25°C, ICC = 5mA)
Parameter
Symbol
Value
Unit
Supply Current
ICC
19
mA
Power Dissipation
8-DIP
8-SOP
PD
1.25
0.41
W
Operating Temperature Range
TOPR
-40 ~ +70
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Shunt Regulator Voltage
VREG
Pin8, S1:2, S2:OFF
23
26
29
V
Amp Reference Voltage
VREF
Pin3, S1:2, S2:OFF
9.5
10.5
11.5
V
Amp High Output Voltage
VOH
Pin5, S1:3, S2:ON
Sig: 800Hz, 3.0VP-P
Sinewave
17
19
21
V
Amp Low Output Voltage
VOL
Pin5, S1:3, S2:ON
Sig: 800Hz, 3.0VP-P
Sinewave
1.5
2.5
3.5
V
Amp Sensitivity Current
ISEN
Pin2, S1:3, S2:ON
Sig: 800Hz, 1.0VP-P ~ 2.5VP-P
Sinewave
3.5
5
6.5
µArms
Latch On Voltage
VON(LATCH)
Pin7, S1:3, S2:ON
Sig: 800Hz, 3.0VP-P
Sinewave
16.5
17.5
19.5
V
SCR Trigger Current
ITR
Pin1, S1:3, S2:ON
Sig:800Hz, 3.0VP-P
Sinewave
0.5
1
2.0
mA
Output Low Voltage
VS 1
Pin1, S1:2, S2:OFF
-
100
240
mV
Output Impedance
ZO
Pin1, S1:2, S2:OFF
-
100
250
Ω
Output Sink Current
ISINK
Pin1, S1:2, S2:OFF
2.0
6.0
-
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com