Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM2940
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940 Datasheet(HTML) 5 Page - Unisonic Technologies

  LM2940 Datasheet HTML 1Page - Unisonic Technologies LM2940 Datasheet HTML 2Page - Unisonic Technologies LM2940 Datasheet HTML 3Page - Unisonic Technologies LM2940 Datasheet HTML 4Page - Unisonic Technologies LM2940 Datasheet HTML 5Page - Unisonic Technologies LM2940 Datasheet HTML 6Page - Unisonic Technologies LM2940 Datasheet HTML 7Page - Unisonic Technologies LM2940 Datasheet HTML 8Page - Unisonic Technologies LM2940 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R102-016.N
ELECTRICAL CHARACTERISTICS(Cont.)
For LM2940-10V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
11.5V ≤ VIN ≤ 26V, 5mA ≤ IOUT ≤ 1A
9.70
10.00 10.30
V
Line regulation
△
VOUT
VOUT +2V ≤ VIN ≤ 26V, IOUT =5mA
20
100
mV
Load Regulation
△
VOUT
50mA ≤ IOUT ≤ 1A
65
100
mV
Output Impedance
ROUT
100mA DC and 20mARMS, fO=120Hz
65
mΩ
Quiescent Current
IQ
VOUT +2V ≤ VIN ≤ 26V, IOUT =5mA
10
15
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT =5mA
300
μVRMS
Ripple Rejection
RR
fO=120Hz, 1VRMS, IOUT =100mA
51
63
dB
Long Term Stability
36
mV/1000Hr
Dropout Voltage
VD
IOUT =1A
0.5
0.8
V
IOUT =100mA
0.13
0.15
Short Circuit Current
ISC
(Note)
2.5
A
Maximum Line Transient
TIN
ROUT=100Ω, T ≤ 100ms
60
75
V
Reverse Polarity DC Input Voltage
VRIN
ROUT=100Ω
-15
-30
V
Reverse Polarity Transient Input
Voltage
VTRRI
ROUT=100Ω, T ≤ 100ms
-50
-75
V
UTC LM2940-12V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
13.6V ≤ VIN ≤ 26V, 5mA ≤ IOUT ≤ 1A
11.64 12.00 12.36
V
Line regulation
△
VOUT
VOUT +2V ≤ VIN ≤ 26V, IOUT =5mA
20
120
mV
Load Regulation
△
VOUT
50mA ≤ IOUT ≤ 1A
55
120
mV
Output Impedance
ROUT
100mA DC and 20mARMS, fO=120Hz
80
mΩ
Quiescent Current
IQ
VOUT +2V ≤ VIN ≤ 26V, IOUT =5mA
10
15
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT =5mA
360
μVRMS
Ripple Rejection
RR
fO=120Hz, 1VRMs, IOUT =100mA
54
66
dB
Long Term Stability
48
mV/1000Hr
Dropout Voltage
VD
IOUT =1A
0.5
0.8
V
IOUT =100mA
0.11
0.15
Short Circuit Current
ISC
(Note)
2.5
A
Maximum Line Transient
TIN
ROUT=100Ω, T ≤ 100ms
60
75
V
Reverse Polarity DC Input Voltage
VRIN
ROUT=100Ω
-15
-30
V
Reverse Polarity Transient Input
Voltage
VTRRI
ROUT=100Ω, T ≤ 100ms
-50
-75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com