Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM2940
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940 Datasheet(HTML) 1 Page - Unisonic Technologies

  LM2940 Datasheet HTML 1Page - Unisonic Technologies LM2940 Datasheet HTML 2Page - Unisonic Technologies LM2940 Datasheet HTML 3Page - Unisonic Technologies LM2940 Datasheet HTML 4Page - Unisonic Technologies LM2940 Datasheet HTML 5Page - Unisonic Technologies LM2940 Datasheet HTML 6Page - Unisonic Technologies LM2940 Datasheet HTML 7Page - Unisonic Technologies LM2940 Datasheet HTML 8Page - Unisonic Technologies LM2940 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2940
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R102-016.N
1A LOW-DROPOUT POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM2940 is a low dropout regulator designed to
provide output current up to 1A with a typically 500mV dropout
Voltage and a maximum of 1V. It is capable of reducing the
ground current when the differential between the input voltage
and the output voltage outrun 3V.
UTC LM2940 offers low quiescent current (typically 30mA at
1A and an input-output differential of 5V). Higher quiescent
currents only exist when the regulator is in the dropout mode
(VIN-VOUT≤3V).
FEATURES
* 500mV Typically Dropout at 1A
* Output Current in Excess of 1A
* Low Quiescent Current
* Reversed-Battery Protection
* Current Limit and Thermal Shutdown.
* Mirror Image Insertion Protection
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
LM2940G-xx-AA3-R
SOT-223
I
G
O
Tape Reel
LM2940L-xx-TA3-T
LM2940G-xx-TA3-T
TO-220
I
G
O
Tube
LM2940L-xx-TF3-T
LM2940G-xx-TF3-T
TO-220F
I
G
O
Tube
LM2940L-xx-TN3-R
LM2940G-xx-TN3-R
TO-252
I
G
O
Tape Reel
LM2940L-xx-TQ2-R
LM2940G-xx-TQ2-R
TO-263
I
G
O
Tape Reel
LM2940L-xx-TQ2-T
LM2940G-xx-TQ2-T
TO-263
I
G
O
Tube
LM2940L-xx-TQ3-R
LM2940G-xx-TQ3-R
TO-263-3
I
G
O
Tape Reel
LM2940L-xx-TQ3-T
LM2940G-xx-TQ3-T
TO-263-3
I
G
O
Tube
Notes: 1. xx: Output Voltage, refer to Marking Information.
2. Pin Assignment: I: VIN G: GND O:VOUT


Similar Part No. - LM2940

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
LM2940 ETC-LM2940 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
357Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM2940

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5J3 CYSTEKEC-LM1117-1.5J3 Datasheet
383Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5M3 CYSTEKEC-LM1117-1.5M3 Datasheet
372Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com