Electronic Components Datasheet Search
  English  ▼

X  

ADC150 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADC150
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADC150 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL SPECIFICATIONS
MODEL
PARAMETER
ACCURACY
TEMPERATURE STABILITY
TIME STABILITY
ERROR ALL SOURCES
CONVERSION TIME
WARM-UP TIME
TEMPERATURE RANGE
CONVERT INPUT
AUTO ZERO INPUT
DIGITAL OUTPUTS
DIGITAL INPUTS
POWER SUPPLY CURRENTS
POWER SUPPLY VOLTAGES
ANALOG INPUT CHARACTERISTICS
POWER SUPPLY REJECTION
Resolution
Input Equivalent Noise
Offset without Auto Zero
Offset with Auto Zero
Full Scale
Noise (.1-10Hz) @ 10V
Nonlinearity
Normal Mode Rejection
Offset
Full Scale
Offset
Full Scale
MIN
MAX
TYP
MIN
MAX
TYP
MIN
MAX
TYP
ADC150C
ADC150CA
ADC150M
Bits
µV
ppm
ppm
ppm
µVpp
ppm
dB
1
6
1
*
*
*
*
*
*
*
*
*
*
60
*
*
0.2
0.1
*
1.0
0.5
*
ppm/oC
ppm/oC
.1
2
ppm/24 hrs.
ppm/month
.0005, 2
.0003, 2
%, +/- Counts
24 hrs, +/- 1 Deg. C Amb.
90 days, +/- 5 Deg. C Amb.
1 year, +/- 5 Deg. C Amb.
.0010, 2
.0008, 2
*
.0015, 2
.0013, 2
%, +/- Counts
%, +/- Counts
*
*
1067
ms
*
5
*
*
*
minutes
+/- 15 VDC
5 VDC
80
80
*
*
dB
*
*
dB
Low
High
Low
High
Low
High
Low
High
-25
85
*
*
-55
125
V
V
V
V
V
V
V
V
0.8
*
4.0
*
0.8
*
*
4.0
*
*
4.0
*
*
4.0
*
*
*
*
0.8
*
*
0.8
*
*
+15 V
23
*
*
mA
-15 V
24
*
*
mA
5 v
42
*
*
mA
+15 V
-15 V
5 v
14.5
15
15.5
*
*
*
*
*
*
V
14.5
15
15.5
*
*
*
*
*
*
V
4.5
5
5.5
*
*
*
*
*
*
V
Input Range
-10.485760
10.485755
3
*
*
*
*
V
Bias Current
1.2
*
*
nA
Input Impedance
200
*
*
G
Ω
2
0.5
50
*
* Same as ADC150C
Note: 1) 60 Cycle
2) ( Max-Min Value) - Noise(.1-10Hz)
ADC150
(Vps = +/- 15V, + 5V, T = 25 Deg. C.)
*
*
*
*
4
1
100
2
1
o
C
2
24
*
*
18
ADC150DS REV. F MAR 00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com