Electronic Components Datasheet Search
  English  ▼

X  

ADC150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADC150
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADC150 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
THEORY OF OPERATION
The timing control circuitry governs the counters that
measure the integration time in both directions.
The ADC150's on-board microprocessor is used to
calculate the results of the integration equation and
perform
error
corrections.
Note
that
the
µP
automatically performs an auto zero function at start-
up, but it is recommended to achieve maximum
accuracy, that an auto zero be performed again after
the ADC150 is fully warmed up.
When the µP detects a convert signal, it lowers the
status lines to indicate that the ADC is involved in a
conversion.
When it detects a change in slope
direction, the µP will collect the counts for the
integration time. When sufficient counts have been
collected, the µP performs the calculations described
above.
When the calculations are complete, the µP places
the most significant byte in the output buffer and
raises the S
0 flag.
When another pulse is placed on
the convert line, the middle byte is placed on the
output, the S
0 flag is lowered and the S1 flag raised.
When the last pulse is placed in the convert line, the
least significant byte is placed in the output buffer and
both status flags are high indicating that the ADC150
is ready for another conversion.
Status line summary:
FIGURE 1. BLOCK DIAGRAM
Conversion in progress.
Conversion complete. MSB in output.
Middle byte in output register.
LSB in output. Ready for next conversion.
0
0
0
1
1
0
1
1
S
1
S
0
Tp=
In the ADC150 block diagram (see Figure 1), V
hi
and V
low are the inputs. Both are buffered and fed
into a differential, voltage controlled, single output
current source.
This current is added to the
reference current at the input of the op amp
integrator. The output of the integrator is fed into
a Schmitt trigger, which in turn, is fed into the
ADC's
timing
control
circuitry.
When
the
integrator output actuates the Schmitt trigger, the
timing
circuit
changes
the
direction
of
the
reference current source and the integrator
begins integrating in the opposite direction. This
continues until the Schmitt trigger is actuated
again by the integrator and reverses the direction
of the reference current.
The equation for integration times are:
V X C
I ref + I inp
Tm=
V X C
-I ref + I inp
Resolving these equations produces:
I inp = I ref
Tp - Tm
Tp + Tm
Auto
Zero
Switch
Schmitt
Trigger
Bidirectional
Reference
Current Source
Current
Directional
Switch
Timing
Control
and
Counter
Microprocessor
Output
Buffer
Clock
Differential
Voltage Controlled
Current Source
V
hi
V
low
+15V
-15V
Auto
Zero
Convert
Status
Lines
Output Enable
Data
Output
ï
ï
ï
V = Voltage
C= Integration Capacitor Value
I ref = Reference Current
I inp = Input Current
Tp = Time Positive
Tm = Time Negative
ADC150DS REV. F MAR 00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com