Electronic Components Datasheet Search
  English  ▼

X  

LR1116 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1116
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1116 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1116 Datasheet HTML 1Page - Unisonic Technologies LR1116 Datasheet HTML 2Page - Unisonic Technologies LR1116 Datasheet HTML 3Page - Unisonic Technologies LR1116 Datasheet HTML 4Page - Unisonic Technologies LR1116 Datasheet HTML 5Page - Unisonic Technologies LR1116 Datasheet HTML 6Page - Unisonic Technologies LR1116 Datasheet HTML 7Page - Unisonic Technologies LR1116 Datasheet HTML 8Page - Unisonic Technologies LR1116 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LR1116/B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R102-022.S
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
15
V
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223/SOT-89
15
°C/W
SOP-8
20
°C/W
TO-252
8
°C/W
Junction to Case
TO-220/TO-263
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS
(TA=25°C, refer to the test circuits, TJ=-0 ~ 125°C, CO=10μF, unless otherwise specified).
For LR1116/B-1.2V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA, TJ=25°C
1.176 1.2 1.224
V
Output Voltage
VOUT
VIN =(VOUT+2V)~15V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
1.176 1.2 1.224
V
Line Regulation
VOUT
VIN =(VOUT+2V)~15V, IOUT =0mA
0.1
0.6
%
Load Regulation
VOUT
VIN =VOUT+2V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
2
3
%
Temperature Stability
VOUT
0.5
%
Long Term Stability
VOUT
1000 hrs, TJ=125C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN10V
5
10
mA
LR1116
800
950
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
LR1116B
500
650
mA
Output Noise Voltage
eN
B=10Hz~10KHz, TJ=25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
IOUT= 100mA
0.9
1.0
V
IOUT= 500mA
1.1
1.3
V
Dropout Voltage
VD
IOUT= 800mA(only for LR1116)
1.2
1.4
V
Thermal Regulation
TA=25°C, 30ms Pulse
0.01 0.10 %/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com