Electronic Components Datasheet Search
  English  ▼

X  

LR1116 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1116
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1116 Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1116 Datasheet HTML 1Page - Unisonic Technologies LR1116 Datasheet HTML 2Page - Unisonic Technologies LR1116 Datasheet HTML 3Page - Unisonic Technologies LR1116 Datasheet HTML 4Page - Unisonic Technologies LR1116 Datasheet HTML 5Page - Unisonic Technologies LR1116 Datasheet HTML 6Page - Unisonic Technologies LR1116 Datasheet HTML 7Page - Unisonic Technologies LR1116 Datasheet HTML 8Page - Unisonic Technologies LR1116 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LR1116/B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R102-022.S
ELECTRICAL CHARACTERISTICS (Cont.)
For LR1116/B-1.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA, TJ=25°C
1.470 1.5 1.530
V
Output Voltage
VOUT
VIN =(VOUT+2V)~15V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
1.470 1.5 1.530
V
Line Regulation
VOUT
VIN =(VOUT+2V)~15V, IOUT =0mA
0.1
0.6
%
Load Regulation
VOUT
VIN =VOUT+2V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
2
3
%
Temperature Stability
VOUT
0.5
%
Long Term Stability
VOUT
1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN10V
5
10
mA
LR1116
800
950
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
LR1116B
500
650
mA
Output Noise Voltage
eN
B=10Hz~10KHz, TJ=25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
IOUT= 100mA
0.6
0.75
V
IOUT= 500mA
0.80 0.95
V
Dropout Voltage
VD
IOUT= 800mA(only for LR1116)
0.95
1.1
V
Thermal Regulation
TA=25°C, 30ms Pulse
0.01 0.10 %/W
For LR1116/B-1.8V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA, TJ=25°C
1.764 1.8
1.836
V
Output Voltage
VOUT
VIN =(VOUT+2V)~15V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
1.764 1.8
1.836
V
Line Regulation
VOUT
VIN =(VOUT+2V)~15V, IOUT =0mA
0.1
0.6
%
Load Regulation
VOUT
VIN =VOUT+2V
LR1116 : IOUT=0 to 800mA
LR1116B : IOUT=0 to 500mA
2
3
%
Temperature Stability
VOUT
0.5
%
Long Term Stability
VOUT
1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN10V
5
10
mA
LR1116
800
950
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
LR1116B
500
650
mA
Output Noise Voltage
eN
B=10Hz~10KHz, TJ=25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1VPP
60
75
dB
IOUT= 100mA
0.4
0.5
V
IOUT= 500mA
0.6
0.8
V
Dropout Voltage
VD
IOUT= 800mA(only for LR1116)
0.8
0.95
V
Thermal Regulation
TA=25°C, 30ms Pulse
0.01
0.10 %/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com