Electronic Components Datasheet Search
  English  ▼

X  

LR2125 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR2125
Description  SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125 Datasheet(HTML) 7 Page - Unisonic Technologies

  LR2125 Datasheet HTML 1Page - Unisonic Technologies LR2125 Datasheet HTML 2Page - Unisonic Technologies LR2125 Datasheet HTML 3Page - Unisonic Technologies LR2125 Datasheet HTML 4Page - Unisonic Technologies LR2125 Datasheet HTML 5Page - Unisonic Technologies LR2125 Datasheet HTML 6Page - Unisonic Technologies LR2125 Datasheet HTML 7Page - Unisonic Technologies LR2125 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LR2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R102-038.I
TYPICAL CHARACTERISTICS
Input Voltage,VIN (V)
Output Voltage vs. Input Voltage
01
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=300mA
IOUT=0mA
0
50
100
150
200
250
300
60
80
100
120
140
160
180
Output Current, IOUT(mA)
Quiescent Current vs. Output Current
VIN=5.5V
VIN=4.5V
123
456
0
50
100
150
200
250
Input Voltage,VIN(V)
Quiescent Current vs. Input Voltage
IOUT=300mA
IOUT=0mA
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Output Current,IOUT(mA)
Dropout Voltage vs. Output Current
Line Transient
CH1 :V IN ,1 V / div , DC
CH2 :V OUT , 20mV / div,AC
Time :100µ s/ div
CIN=1µF,COUT=2.2µF,
VOUT
VIN
Load Transient
VOUT
IOUT
VIN=3.0V,CIN=1µF,COUT=2.2µF
CH2:V OUT ,50 m V/ div, AC
CH3:I OU T, 2 0 0 m A /d iv ,D C
Time:1 00µs/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com