Electronic Components Datasheet Search
  English  ▼

X  

LR2125 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR2125
Description  SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR2125 Datasheet HTML 1Page - Unisonic Technologies LR2125 Datasheet HTML 2Page - Unisonic Technologies LR2125 Datasheet HTML 3Page - Unisonic Technologies LR2125 Datasheet HTML 4Page - Unisonic Technologies LR2125 Datasheet HTML 5Page - Unisonic Technologies LR2125 Datasheet HTML 6Page - Unisonic Technologies LR2125 Datasheet HTML 7Page - Unisonic Technologies LR2125 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR2125
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-038.I5
300mA SELECTABLE
FIXED/ADJUSTABLE LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
As a low dropout linear regulator, the UTC LR2125 only needs low
input voltage (2.8~6V) and can deliver current to 300mA for setting
the output voltage.
The UTC LR2125 is an ideal for being used in such
battery-powered equipments notebook, personal computer and
cellular phone. Its typical dropout voltage is 230mV at loading current
300mA.
For setting the output voltage, the UTC LR2125 has two output
voltage operation modes: fixed mode senses the output voltage on
VOUT, ADJ mode needs two resistors as a voltage divider.
To protect itself against current over-loads and over
temperature, the LR2125 has current limit and thermal shutdown
functions.
FEATURES
* Operating Voltage: 2.8~6V
* Low Voltage Dropout
* Output Current Guaranteed 300mA
* For Setting Output Voltage Two Modes
–
Fixed mode :Fixed Output Voltage 1~5V
–
ADJ mode: Adjustable Output Voltage 0.8~5.5V
* Internal Current Limit Protection
* With Soft-Start
* Internal thermal Protection
* Work stably with Low ESR Ceramics Capacitor
ORDERING INFORMATION
Ordering Number
Package
Packing
LR2125G-xx-AF5-R
SOT-25
Tape Reel


Similar Part No. - LR2125

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125G-XX-AF5-R UTC-LR2125G-XX-AF5-R Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
LR2125L-XX-AF5-R UTC-LR2125L-XX-AF5-R Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR2125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com