Electronic Components Datasheet Search
  English  ▼

X  

ADC150C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADC150C
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADC150C Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CONNECTING THE ADC150
POWER SUPPLIES
The power supply lines are connected to pins 4-7.
Pin 4 is -15V, pin 5 is +15V, pin 6 is +5V and pin 7
is GND.
OUTPUT DATA LINES
The output data is available in byte form on pins
13-20. Pin 20 is the Most Significant Bit and pin 13
the Least Significant Bit. The data lines go to a high
impedance state when the Output Enable line is at a
logic one level.
OUTPUT ENABLE (PIN 21)
Data is placed on the Output Data Lines by a logic
zero on this line.
See figure 2 for data output
format.
CONVERT (Pin22)
This line is used to initiate a conversion cycle and
to retrieve the output data. The status lines indicate
which function will be executed.
The first pulse
(transition from logic one to logic zero) starts the
conversion cycle. Two subsequent pulses are used
to place the lower two bytes on the Output Data
Lines. See figure 4 for timing diagram.
STATUS LINES (Pins 23, 24)
These lines indicate the present state of the ADC.
When the Convert line receives the first pulse in a
conversion cycle the Status Lines go to logic zero,
indicating that a conversion cycle is in progress.
When
the
conversion
is
complete
the
microprocessor places the MSB of the output data
in the output buffer and then raises S
0 to a logic
one, indicating that the MSB at the output data is
available in the output buffer.
When the Convert
Line is pulsed again the middle byte of the output
data is placed in that output buffer and S
1 changes
to logic one and S
0 to logic zero.
The third pulse
places the LSB of the output data in the buffer and
both status lines go to the logic one. The converter
is now ready for the next conversion cycle.
See
figure 5 for timing diagrams.
The table below shows a summary of the status
code.
Conversion in process.
Conversion complete. MSB in output.
Middle byte in output register.
LSB in output. Ready for next conversion.
0
0
0
1
1
0
1
1
S
1
S
0
MODE CONTROL (Pin 25)
This line is used to program the ADC150.
The
mode control byte (8 bit) is placed on the data bus.
Pin 25 is then set to logic high, pin 21 is pulsed low
to accept the control byte. Pin 22 is then pulsed low
and held low until the status lines return high
(~2ms). Pin 21 is then pulsed high and pin 25 is
then returned to logic low. The ADC150 has now
been reset to the new parameters. See figure 6 for
timing diagrams.
The mode control byte is defined as follows:
Bits 7 and 6 - unused
Bits 5 and 4 - 00 Pin 39 signal input, autozero*
01 Pin 38 signal input
Bit 3
- 0 60 Hz.*
1 50 Hz.
Bits 2,1, 0
- 001 18 Bit
010 20 Bit
011 22 Bit*
100 24 Bit
* Factory default settings
AUTO-ZERO / RESET (Pin 29)
A logic zero on this input will autozero the ADC150
by internally connecting the analog high to analog
low. Since the µP is reset, the ADC150 reverts to
the factory default settings in the EPROM (ie.
22bits, 60Hz, pin 39 analog high).
To select a
mode different than the default settings, the mode
control must be set after auto zero. See figure 3 for
timing diagrams.
INTEGRATION CAPACITOR (Pin 34, 35)
A 0.68 µF polystyrene or Mylar must be connected
to these pins. Lead length should be as short as
possible and not exceed 2".
ANALOG INPUTS (Pin 39, 40)
Both analog inputs are buffered by op-amps and
have a common mode rejection of approximately
80dB minimum. To maintain the full accuracy at the
ADC it is recommended to keep the input to analog
low to less than 0.1VDC.
ADC150DS REV. F MAR 00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com