Electronic Components Datasheet Search
  English  ▼

X  

ADC150C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ADC150C
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  ADC150C Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RESOLUTION
18 BITS
20 BITS
22 BITS
24 BITS
LINE CYCLES
1
4
16
64
CONV. / SEC (60/50 Hz)
60 / 50
15 / 12
3.7 / 3.1
1.2 / .93
Line Cycle at 60 Hz = 16.667 ms; 50 Hz = 20 ms
FIGURE 7. INTEGRATION TIMES
FIGURE 8. MECHANICAL SPECIFICATIONS
DIM
INCHES
MIN
MAX
E
D
A
L
B
Q
C
P
G1
1.080
1.100
2.075
2.115
0.155
.100 typ
.018 typ
.015
.009
.012
.890
0.185
.035
.012
.018
.910
40-PIN HYBRID PACKAGE
B1
.040 typ
B2
0.220
0.240
NOTES:
1. GOLD PLATING 60 MICRO INCHES MINIMUM
THICKNESS OVER 100 MICRO INCHES NOMINAL
THICKNESS OF NICKEL
ADC150DS REV. F MAR 00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com