Electronic Components Datasheet Search
  English  ▼

X  

AP1119 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1119
Description  0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1119 Datasheet(HTML) 1 Page - Anachip Corp

  AP1119 Datasheet HTML 1Page - Anachip Corp AP1119 Datasheet HTML 2Page - Anachip Corp AP1119 Datasheet HTML 3Page - Anachip Corp AP1119 Datasheet HTML 4Page - Anachip Corp AP1119 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1119
0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug 20, 2004
1/5
Features
•
1.3V maximum dropout at full load current
•
Fast transient response
•
Output current limiting
•
Built-in thermal shutdown
•
Packages: SOT89-5L
•
Good noise rejection
•
5-Terminal device with fixed 1.5V, 1.8V, 2.5V,
3.3V, 5.0V, 9.0V, 12V output.
Applications
•
PC peripheral
•
Communication
•
CDROM..
General Description
AP1119 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 0.5A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
AP1119 is also well suited for other applications
such as VGA cards. AP1119 is guaranteed to have
<1.3V dropout at full load current making it ideal to
provide well regulated fixed outputs of 1.5 to 12V
with up to 18V input supply. The AP1119 offers a
TTL – Logic compatible enable pin.
Ordering Information
AP 1119 X XX X X
Low Dropout Regulator
Package
Vout
Y : SOT89-5L
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
90 : 9.0V
12 : 12V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Circuit
C2
100uF
5V
3.3V/0.5A
C1
100uF
( 5V/3.3V fixed output )
GND
Vout
Vin
1
3
2
EN
NC
4
5
OFF
ON
Tab is Vout


Similar Part No. - AP1119

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.1 Aug.27, 2004
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 11
More results

Similar Description - AP1119

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Rev. 1.1 Feb. 15, 2005
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com