Electronic Components Datasheet Search
  English  ▼

X  

AP1119 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1119
Description  0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1119 Datasheet(HTML) 2 Page - Anachip Corp

  AP1119 Datasheet HTML 1Page - Anachip Corp AP1119 Datasheet HTML 2Page - Anachip Corp AP1119 Datasheet HTML 3Page - Anachip Corp AP1119 Datasheet HTML 4Page - Anachip Corp AP1119 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1119
0.5A Positive Low Dropout Fixed-Mode Regulator With EN
Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 20, 2004
2/5
Connection Diagram
5 PIN SOT89
GND
Vout
Vin
1
3
2
Tab is Vout
EN
NC
4
5
Pin Descriptions
NAME
FUNCTION
GND
Ground
Vout
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin
to ground to insure stability.
Vin
The input pin of regulator. Typically a large storage capacitor is connected from this pin to
ground to insure that the input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.3V higher than Vout in order
for the device to regulate properly.
EN
The input pin of regulator. TTL/CMOS compatible input Logic high = disable output, Logic
Low or open =Enable output. (internal Pull-down resistor ~ l00K).
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
DC Supply Voltage
Vin
-0.3 to 18
V
Power Dissipation
PD
Internally Limited
Storage Temperature
TST
-65 to +150
oC
Operating Junction Temperature Range
TOP.
0 to +150
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com