Electronic Components Datasheet Search
  English  ▼

X  

AT1368 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT1368
Description  1- Channel Synchronous Buck PWM Controller with Power Good Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1368 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT1368 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AT1368
1-Channel Synchronous Buck PWM Controller
with Power Good Reset
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1368A
SSOP16
AT1368AR
AT1368B
SSOP16
AT1368BR
AT1368B
TSSOP16
AT1368BP
A: fosc =300KHz B: fosc =600KHz
Pin Description
Symbol
Pin No.
Descript
Symbol
Pin
No.(A/B)
Descript
FB
1
Inverting input to error
amplifier
SCP
9
Short-Circuit protection
COMP
2
Error amplifier output
CTL
10
Chip enable, high active
PVCC
3
Power blocks power
supply
NC
11
-
PDRV
4
Output for Pch-MOSFET
IN1
12
VCC monitor voltage
adjustable input pin
NDRV
5
Output for Nch-MOSFET
RESET
13
Power Good indicator
PGND
6
Power blocks ground
IN2
14
3V3 output monitor
adjustable input pin
GND
7
Control blocks ground
SS
15
Sotf-start
VCC
8
Control blocks power
supply
3V3
16
Output voltage 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com