Electronic Components Datasheet Search
  English  ▼

X  

AT1368 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT1368
Description  1- Channel Synchronous Buck PWM Controller with Power Good Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1368 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT1368 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT1368 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AT1368
1-Channel Synchronous Buck PWM Controller
with Power Good Reset
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
13
Reflow Condition (IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A
Classification Reflow Profiles
Convection or
IR/Convction
VPR
Average Heating Rate(180
°C to peak)
5
°C/second max.
10
°C/second max.
Preheat Temperature(125
±20°C)
120 seconds max.
Temperature maintained above 180
°C
10~150 seconds
Time
within
5
°C
of
actual
Peak
Temperature
10~20 seconds
60 seconds
Peak Temperature Range(Note 1)
219~225
°C or
235~240
°C
219~225
°C or
235~240
°C
Cooling Rate
6
°C /second max.
10
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
*1 The maximum peak temperatures for IR and VP reflow are depending on package dimensions.
Package Reflow Conditions
Pkg. Thickness
≥2.5mm
and all bags
Pkg. Thickness <2.5mm
and
Pkg. Volume
≥350 mm3
Pkg. Thickness <2.5mm
and
Pkg. Volume <350 mm3
Convection 219~225°C
Convection 235~240°C
VPR 219~225°C
VPR 235~240°C
IR/Convection 219~225°C
IR/Convection 235~240°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com