Electronic Components Datasheet Search
  English  ▼

X  

AD8106ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8106ASTZ
Description  Video Crosspoint Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106ASTZ Datasheet(HTML) 5 Page - Analog Devices

  AD8106ASTZ Datasheet HTML 1Page - Analog Devices AD8106ASTZ Datasheet HTML 2Page - Analog Devices AD8106ASTZ Datasheet HTML 3Page - Analog Devices AD8106ASTZ Datasheet HTML 4Page - Analog Devices AD8106ASTZ Datasheet HTML 5Page - Analog Devices AD8106ASTZ Datasheet HTML 6Page - Analog Devices AD8106ASTZ Datasheet HTML 7Page - Analog Devices AD8106ASTZ Datasheet HTML 8Page - Analog Devices AD8106ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
AD8106/AD8107
Rev. A | Page 5 of 22
TIMING CHARACTERISTICS
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
Data setup time
t2
100
ns min
CLK pulse width
t3
20
ns min
Data hold time
t4
100
ns min
CLK pulse separation
t5
0
ns min
CLK to UPDATE delay
t6
50
ns min
UPDATE pulse width
–
8
ns max
Propagation delay, UPDATE to switch on or off
–
100
ns max
CLK, UPDATE rise and fall times
–
200
ns min
RESET time
1
0
1
0
1 = LATCHED
CLK
D0 TO D4
A0 TO A2
0 = TRANSPARENT
UPDATE
t5
t6
t2
t1
t3
t4
Figure 2. Timing Diagram
Table 3. Logic Levels
VIH
VIL
IIH
IIL
RESET, CLK, D0, D1, D2, D3, D4,
A0, A1, A2, CE, UPDATE
RESET, CLK, D0, D1, D2, D3, D4,
A0, A1, A2, CE, UPDATE
RESET, CLK, D0, D1, D2, D3, D4,
A0, A1, A2, CE, UPDATE
RESET, CLK, D0, D1, D2, D3, D4,
A0, A1, A2, CE, UPDATE
2.0 V min
0.8 V max
20 µA max
−400 µA min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com