Electronic Components Datasheet Search
  English  ▼

X  

AD8106ASTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8106ASTZ
Description  Video Crosspoint Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106ASTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8106ASTZ Datasheet HTML 10Page - Analog Devices AD8106ASTZ Datasheet HTML 11Page - Analog Devices AD8106ASTZ Datasheet HTML 12Page - Analog Devices AD8106ASTZ Datasheet HTML 13Page - Analog Devices AD8106ASTZ Datasheet HTML 14Page - Analog Devices AD8106ASTZ Datasheet HTML 15Page - Analog Devices AD8106ASTZ Datasheet HTML 16Page - Analog Devices AD8106ASTZ Datasheet HTML 17Page - Analog Devices AD8106ASTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AD8106/AD8107
Data Sheet
Rev. A | Page 14 of 22
FREQUENCY (Hz)
1M
100k
10k
1k
100
10M
30k
100k
1M
10M
100M
500M
Figure 34. AD8106 Input Impedance vs. Frequency
14
12
–4
0.1M
1M
10M
100M
1G
10
8
0
6
4
2
–2
18pF = 7.7dB
12pF = 4.5dB
3G
VIN = 200mV p-p
RL = 150Ω
FREQUENCY (Hz)
Figure 35. AD8106 Frequency Response vs. Capacitive Load
FREQUENCY (Hz)
0.7
0.6
–0.2
0.1M
1M
10M
100M
1G
0.5
0.4
0
0.3
0.2
0.1
–0.1
CL = 18pF
CL = 12pF
3G
VIN = 200mV p-p
RL = 150Ω
Figure 36. AD8106 Flatness vs. Capacitance Load
VOUT
UPDATE
INPUT 1 AT +1V
INPUT 0 AT –1V
1
0
–1
5
0
50ns/DIV
Figure 37. AD8106 Switching Time
260
60
–0.02
–0.01
0
0.01
240
180
160
120
80
220
200
140
100
40
20
0
0.02
OFFSET VOLTAGE (V)
Figure 38. AD8106 Offset Voltage Distribution
2.0
–2.0
–60
–40
100
–20
0
20406080
1.5
0
–0.5
–1.0
–1.5
1.0
0.5
TEMPERATURE (°C)
Figure 39. AD8106 Offset Voltage vs. Temperature (Normalized at 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com