Electronic Components Datasheet Search
  English  ▼

X  

AD8116 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8116
Description  16x16 Buffered Video Crosspoint Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8116 Datasheet HTML 8Page - Analog Devices AD8116 Datasheet HTML 9Page - Analog Devices AD8116 Datasheet HTML 10Page - Analog Devices AD8116 Datasheet HTML 11Page - Analog Devices AD8116 Datasheet HTML 12Page - Analog Devices AD8116 Datasheet HTML 13Page - Analog Devices AD8116 Datasheet HTML 14Page - Analog Devices AD8116 Datasheet HTML 15Page - Analog Devices AD8116 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8116
OUTLINE DIMENSIONS
0.75
0.60
0.45
1.60
MAX
VIEW A
TOP VIEW
(PINS DOWN)
1
32
33
65
64
96
97
128
0.40
BSC
LEAD PITCH
0.23
0.13
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
16.20
16.00 SQ
15.80
14.20
14.00 SQ
13.80
Figure 10. 128-Lead Low Profile Quad Flat Package [LQFP]
(ST-128-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8116JSTZ
0°C to 70°C
128-Lead Low Profile Quad Flat Package [LQFP]
ST-128-1
1 Z = RoHS-Compliant Part.
REVISION HISTORY
5/16—Rev. B to Rev. C
Changes to General Description .....................................................1
Changes to Off Isolation, Input-Output Parameter......................2
Changes to Areas of Crosstalk Section.........................................13
Deleted Evaluation Board Section ................................................15
Deleted Figure 10; Renumbered Sequentially .............................16
Moved Outline Dimensions, Ordering Guide, and Revision
History ..............................................................................................16
Updated Outline Dimensions........................................................16
Changes to Ordering Guide...........................................................16
Deleted Figure 11 ............................................................................17
Deleted Figure 12 ............................................................................18
Deleted Figure 13 ............................................................................19
Deleted Figure 14 ............................................................................20
Deleted Figure 15 ............................................................................21
Deleted Figure 16 ............................................................................22
Deleted Figure 17 ............................................................................23
Deleted Controlling the Evaluation Board from a PC Section,
Figure 18, and Overshoot on PC Printer Ports’ Data Lines
Section ..............................................................................................24
Deleted Figure 19 ............................................................................25
6/01—Rev. A to Rev. B
Correction to Pin Number in Pin Function Description ............6
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01071a-0-5/16(C)
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com