Electronic Components Datasheet Search
  English  ▼

X  

AD8116 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8116
Description  16x16 Buffered Video Crosspoint Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 2 Page - Analog Devices

  AD8116 Datasheet HTML 1Page - Analog Devices AD8116 Datasheet HTML 2Page - Analog Devices AD8116 Datasheet HTML 3Page - Analog Devices AD8116 Datasheet HTML 4Page - Analog Devices AD8116 Datasheet HTML 5Page - Analog Devices AD8116 Datasheet HTML 6Page - Analog Devices AD8116 Datasheet HTML 7Page - Analog Devices AD8116 Datasheet HTML 8Page - Analog Devices AD8116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
AD8116–SPECIFICATIONS (V
S =
5 V, TA = 25 C, RL = 1 k
unless otherwise noted.)
Limit
Reference
Parameter
Conditions
Min
Typ
Max
Unit
Figure
DYNAMIC PERFORMANCE
–3 dB Bandwidth
200 mV p-p, RL = 150
Ω
200
MHz
1
1 V p-p, RL = 150
Ω
120
MHz
2 V p-p, RL = 150
Ω
80
MHz
1
Slew Rate
2 V Step, RL = 150
Ω
300
V/
μs5
Settling Time
0.1%, 2 V Step, RL = 150
Ω
60
ns
6
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150
Ω
25
MHz
1
0.05 dB, 2 V p-p, RL = 150
Ω
20
MHz
1
0.1 dB, 200 mV p-p, RL = 150
Ω
60
MHz
1
0.1 dB, 2 V p-p, RL = 150
Ω
45
MHz
1
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
0.01
%
0.01
%
Differential Phase Error
0.01
Degrees
0.01
Degrees
Crosstalk, All Hostile
–70
dB
2
–60
dB
2
Off Isolation, Input-Output
–1
dB
11
Input Voltage Noise
NTSC or PAL, RL = 1 k
Ω
NTSC or PAL, RL = 150
Ω
NTSC or PAL, RL = 1 k
Ω
NTSC or PAL, RL = 150
Ω
ƒ = 5 MHz
ƒ = 10 MHz
ƒ =
MHz, RL = 150
Ω, One Channel
0.01 MHz to 50 MHz
15
nV/
√Hz
8
DC PERFORMANCE
Gain
No Load
0.995 0.999
1.000
V/V
RL = 1 k
Ω
0.992 0.999
1.000
V/V
Gain Matching
No Load, Ch-Ch
0.15
%
RL = 1 k
Ω, Ch-Ch
0.5
%
OUTPUT CHARACTERISTICS
Output Offset Voltage
Worst-Case All Switch Configurations
15
45
mV
17
Output Impedance
DC, Enabled
0.2
Ω
12
Disabled
1
10
M
Ω
9
Output Disable Capacitance
3
pF
9
Output Leakage Current
Disabled
1
μA
Output Voltage Range
±2.5 ± 3V
Output Current
20
40
mA
Short Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Voltage Range
±2.5 ± 3V
Input Capacitance
Any Switch Configuration
5
pF
13
Input Resistance
1
10
M
Ω
13
Input Bias Current
25
μA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time
50%
UPDATE to 1% Output Settling,
50
ns
16
2 V Step
Switching Transient (Glitch)
15
mV p-p
10
POWER SUPPLIES
Supply Current
AVCC, Outputs Enabled, No Load
75
95
mA
AVCC, Outputs Disabled
25
mA
AVEE, Outputs Enabled, No Load
70
95
mA
AVEE, Outputs Disabled
22.5
mA
DVCC, Outputs Enabled, No Load
25
35
mA
DVEE, Outputs Enabled, No Load
10
15
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
ƒ = 100 kHz
60
dB
7
ƒ = 1 MHz
40
dB
7
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
0 to 70
°C
θ
JA
Operating (Still Air)
37
°C/W
Specifications subject to change without notice.
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com