Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8178
Description  Video Crosspoint Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 5 Page - Analog Devices

  AD8178 Datasheet HTML 1Page - Analog Devices AD8178 Datasheet HTML 2Page - Analog Devices AD8178 Datasheet HTML 3Page - Analog Devices AD8178 Datasheet HTML 4Page - Analog Devices AD8178 Datasheet HTML 5Page - Analog Devices AD8178 Datasheet HTML 6Page - Analog Devices AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
AD8178
Rev. A | Page 5 of 37
TIMING CHARACTERISTICS (SERIAL MODE)
Table 2.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
40
ns
CLK Pulse Width
t2
60
ns
Serial Data Hold Time
t3
50
ns
CLK Pulse Separation
t4
140
ns
CLK to UPDATE Delay
t5
10
ns
UPDATE Pulse Width
t6
90
ns
CLK to SEROUT Valid
t7
120
ns
Propagation Delay, UPDATE to Switch On
80
ns
Data Load Time, CLK = 5 MHz, Serial Mode
9
μs
RST Time
140
200
ns
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
t2
t4
1
0
CLK
1
0
1
0
SERIN
OUT4 (D4)
t1
t3
OUT4 (D3)
OUT0 (D0)
1 = LATCHED
0 = TRANSPARENT
UPDATE
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t5
t7
SEROUT
t6
Figure 2. Timing Diagram, Serial Mode
Table 3. Logic Levels, VDD = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
SER/PAR, CLK,
SERIN, UPDATE
SER/PAR, CLK,
SERIN, UPDATE
SEROUT
SEROUT
SER/PAR, CLK,
SERIN, UPDATE
SER/PAR, CLK,
SERIN, UPDATE
SEROUT
SEROUT
2.0 V min
0.6 V max
2.8 V min
0.4 V max
20 μA max
–20 μA max
–1 mA min
1 mA min
Table 4. H and V Logic Levels, VDD = 3.3 V
VOH
VOL
IOH
IOL
2.7 V min
0.5 V max
–3 mA max
3 mA max
Table 5. RST Logic Levels, VDD = 3.3 V
VIH
VIL
IIH
IIL
2.0 V min
0.6 V max
−60 μA max
−120 μA max
Table 6. CS Logic Levels, VDD = 3.3 V
VOH
VOL
IIH
IOL
2.0 V min
0.6 V max
100 μA max
40 μA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com