Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8178
Description  Video Crosspoint Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8178 Datasheet HTML 25Page - Analog Devices AD8178 Datasheet HTML 26Page - Analog Devices AD8178 Datasheet HTML 27Page - Analog Devices AD8178 Datasheet HTML 28Page - Analog Devices AD8178 Datasheet HTML 29Page - Analog Devices AD8178 Datasheet HTML 30Page - Analog Devices AD8178 Datasheet HTML 31Page - Analog Devices AD8178 Datasheet HTML 32Page - Analog Devices AD8178 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
AD8178
Rev. A | Page 29 of 37
In similar fashion, if UPDATE is taken low after initial power-up,
the random power-up data in the shift register is programmed into
the matrix. Therefore, to prevent the crosspoint from being
programmed into an unknown state, do not apply a logic level
to UPDATE after power is initially applied. Programming the
device into a known state after reset or power-up is a one-time
event that is accomplished by the following two steps:
1.
Output 4 to Output 0 are programmed to the off state
while holding the CLR input at a logic high.
2.
Each output (Output 4 to Output 0) is programmed to its
desired state while holding the CLR input at a logic low.
CLR is held at logic low thereafter.
To change the programming of an output via parallel
programming, take CS low, and take SER/PAR and UPDATE
high. Leave the serial programming clock, CLK, high during
parallel programming. Start the parallel clock, WE, in the high
state. Put the 3-bit address of the output to be programmed on
A2 to A0. Data Bit D3 to Data Bit D0 must contain the information
that identifies the input that is programmed to the output that is
addressed. Data Bit D4 determines the enabled state of the output.
If D4 is low (output disabled), the data on D3 to D0 does not
matter.
After the desired address and data signals have been established,
they can be latched into the shift register by a high-to-low transi-
tion of the WE signal. The matrix is not programmed, however,
until the UPDATE signal is taken low. It is thus possible to latch
in new data for several or all of the outputs first via successive
negative transitions of WE while UPDATE is held high, and then
have all the new data take effect when UPDATE goes low. Use
this technique to program the device for the first time after power-
up when using parallel programming.
Programming the device to a known state can be accomplished
in serial programming mode by clocking in the entire 45-bit
sequence immediately after reset or power-up.
Reset
When powering up the AD8178, it is usually desirable to have
the outputs come up in the disabled state. The RST pin, when
taken low, causes all outputs to be in the disabled state. However,
the RST signal does not reset all registers in the AD8178. This is
important when operating in the parallel programming mode.
See the Parallel Programming Description section for information
about programming internal registers after power-up. Serial
programming programs the entire matrix each time, so no
special considerations apply.
Because the data in the shift register is random after power-up,
do not use it to program the matrix, or the matrix can enter
unknown states. To prevent this, do not apply a logic low signal
to UPDATE initially after power-up. First load the shift register
with the desired data, and only then can the UPDATE be taken
low to program the device.
The RST pin has a 20 kΩ pull-up resistor to VDD that can be
used to create a simple power-up reset circuit. A capacitor from
RST to ground holds RST low for some time, while the rest of the
device stabilizes. The low condition causes all the outputs to be
disabled. The capacitor then charges through the pull-up resistor
to the high state, thus allowing full programming capability of
the device.
DIFFERENTIAL AND SINGLE-ENDED OPERATION
Although the AD8178 has fully differential inputs and outputs,
it can also operate in single-ended fashion. Single-ended and
differential configurations are discussed in the following
sections, along with implications on gain, impedances, and
terminations.
Differential Input
Each differential input to the AD8178 is applied to a differential
receiver. These receivers allow the user to drive the inputs with
an uncertain common-mode voltage, such as from a remote source
over twisted pair. The receivers respond only to the differences
in input voltages and restore an internal common mode suitable
for the internal signal path. Noise or crosstalk, which affect each
the inputs of each receiver equally, are rejected by the input stage,
as specified by its common-mode rejection ratio (CMRR).
Furthermore, the overall common-mode voltage of all three
differential pairs comprising an RGB channel is processed and
rejected by a separate circuit block. For example, a static discharge
or a resistive voltage drop in a middle-of-Cat-5-run application
with sync-on CM signaling coupling into all three pairs in an RGB
channel are rejected at the output of the AD8178, while the
sync-on CM signals are allowed through the switch.
The circuit configuration used by the differential input receivers
is similar to that of several Analog Devices, Inc. general-purpose
differential amplifiers, such as the AD8131. The topology is that
of a voltage-feedback amplifier with internal gain resistors. The
input differential impedance for each receiver is 5 kΩ in parallel
with 10 kΩ or 3.33 kΩ, as shown in Figure 49.
IN+
IN–
RG
RG
RCM
RF
RF
OUT–
OUT+
TO SWITCH MATRIX
RCVR
Figure 49. Input Receiver Equivalent Circuit
This impedance creates a small differential termination error if
the user does not account for the 3.33 kΩ parallel element.
However, this error is less than 1% in most cases. Additionally,
the source impedance driving the AD8178 appears in parallel
with the internal gain-setting resistors, such that there may be a
gain error for some values of source resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com